Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TBD Datasheet(PDF) 54 Page - Freescale Semiconductor, Inc

Part # TBD
Description  Quad Core Digital Signal Processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

TBD Datasheet(HTML) 54 Page - Freescale Semiconductor, Inc

Back Button TBD Datasheet HTML 50Page - Freescale Semiconductor, Inc TBD Datasheet HTML 51Page - Freescale Semiconductor, Inc TBD Datasheet HTML 52Page - Freescale Semiconductor, Inc TBD Datasheet HTML 53Page - Freescale Semiconductor, Inc TBD Datasheet HTML 54Page - Freescale Semiconductor, Inc TBD Datasheet HTML 55Page - Freescale Semiconductor, Inc TBD Datasheet HTML 56Page - Freescale Semiconductor, Inc TBD Datasheet HTML 57Page - Freescale Semiconductor, Inc TBD Datasheet HTML 58Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 80 page
background image
MSC8144E Quad Core Digital Signal Processor Data Sheet, Rev. 6
Freescale Semiconductor
54
2.7.10.2
MII Transmit AC Timing Specifications
Table 46 provides the MII transmit AC timing specifications.
Figure 26 shows the MII transmit AC timing diagram.
2.7.10.3
MII Receive AC Timing Specifications
Table 47 provides the MII receive AC timing specifications.
Figure 25. MII Management Interface Timing
Table 46. MII Transmit AC Timing Specifications
Parameter/Condition
Symbol 1
Min
Max
Unit
TX_CLK duty cycle
tMTXH/tMTX
35
65
%
TX_CLK to MII data TXD[3:0], TX_ER, TX_EN delay
tMTKHDX
025
ns
TX_CLK data clock rise
tMTXR
1.0
4.0
ns
TX_CLK data clock fall
tMTXF
1.0
4.0
ns
Notes:
1.
Typical TX_CLK period (tMTX) for 10 Mbps is 400 ns and for 100 Mbps is 40 ns.
2.
Program GCR4 as 0x00030CC3.
Figure 26. MII Transmit AC Timing
Table 47. MII Receive AC Timing Specifications
Parameter/Condition
Symbol 1
Min
Max
Unit
RX_CLK duty cycle
tMRXH/tMRX
35
65
%
ETHMDC
ETHMDIO
ETHMDIO
(Input)
(Output)
tMDC
tMDCR
tMDCH
tMDDXKH
tMDDVKH
tMDKHDX
tMDHF
TX_CLK
TXD[3:0]
tMTKHDX
tMTX
tMTXH
tMTXR
tMTXF
TX_EN
TX_ER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com