| Electronic Components Datasheet Search |
|
TDA7546TR Datasheet(PDF) 54 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7546TR Datasheet(HTML) 54 Page - STMicroelectronics |
|
54 / 68 page ![]() Software specifications TDA7546 54/68 Table 45. pllreg4 register Table 46. pllreg3 register Table 47. pllreg2 register This bit is for internal test only. This bit is for internal test only. PLL factional mode enable (10). 1: Fractional mode enabled. 0: Fractional mode disabled. PLL fractional dither enable (10). 1: Fractional dither enabled. 0: Fractional dither disabled. Power down mode. 0: Normal mode 1: Power down mode. All clocks are stopped. This mode can only be exit by hardware reset. PLL enable. If this bit is set the PLL will be initialized with the values of the pllreg4-0 registers. After PLL locking, the system clock (fsys) is switched to the PLL output clock which must be 8.55 or 8.664 MHz. Clearing this bit will switch fsys back to the XTI clock. PLL lost lock. This bit is set if the PLL is used and loses lock. It will be cleared if the PLL is disabled and enabled again. PLL lock. 1: PLL is currently locked. 0: PLL is currently out of lock. bit name access bit 7 bit 0 bit 1 bit 2 bit 3 bit 4 bit 5 bit 6 r/w r r r/w r/w r/w r/w r/w FRAEN LOCK PLLEN LLOCK DITEN reset value 0 0 00 011 0 pllreg4 PWDN TEST1 TEST0 bit 3 of PLL output divide factor (9) (10) (12). bit 4 of PLL output divide factor (9) (10) (12). bit 0 of PLL input divide factor (10) (12). bit 1 of PLL input divide factor (10) (12). bit 2 of PLL input divide factor (10) (12). bit 3 of PLL input divide factor (10) (12). bit 4 of PLL input divide factor (10) (12). Not used. bit name access bit 7 bit 0 bit 1 bit 2 bit 3 bit 4 bit 5 bit 6 r/w r r/w r/w r/w r/w r/w r/w ODF3 ODF4 IDF2 - IDF3 IDF4 IDF1 IDF0 reset value 0 0 00 001 1 pllreg3 (9) ODF value equal to zero is ignored, one is then used. bit 2 of PLL multiplication factor (10) (11) (12). bit 3 of PLL multiplication factor (10) (11) (12). bit 4 of PLL multiplication factor (10) (11) (12). bit 5 of PLL multiplication factor (10) (11) (12). bit 6 of PLL multiplication factor (10) (11) (12). bit 0 of PLL output divide factor (9) (10) (12). bit 1 of PLL output divide factor (9) (10) (12). bit 2 of PLL output divide factor (9) (10) (12). bit name access bit 7 bit 0 bit 1 bit 2 bit 3 bit 4 bit 5 bit 6 r/w r/w r/w r/w r/w r/w r/w r/w MF2 MF3 MF6 ODF3 ODF0 ODF1 MF5 MF4 reset value 1 1 11 010 0 pllreg2 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |