Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA7546TR Datasheet(PDF) 60 Page - STMicroelectronics

Part # TDA7546TR
Description  Multichip module for TMC tuner applications
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7546TR Datasheet(HTML) 60 Page - STMicroelectronics

Back Button TDA7546TR Datasheet HTML 56Page - STMicroelectronics TDA7546TR Datasheet HTML 57Page - STMicroelectronics TDA7546TR Datasheet HTML 58Page - STMicroelectronics TDA7546TR Datasheet HTML 59Page - STMicroelectronics TDA7546TR Datasheet HTML 60Page - STMicroelectronics TDA7546TR Datasheet HTML 61Page - STMicroelectronics TDA7546TR Datasheet HTML 62Page - STMicroelectronics TDA7546TR Datasheet HTML 63Page - STMicroelectronics TDA7546TR Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 68 page
background image
Software specifications
TDA7546
60/68
rds_bd_h and rds_bd_l without interruption. This must be done until the “bne” bit is set
to zero (last RDS block).
2.
If the SPI master is not able to handle the above protocol, it must read always at least
the first five registers rds_int, rds_qu, rds_corrp, rds_bd_h, rds_bd_l out independent if
“bne” is set or not. If the “bne” flag is set the whole RAM Buffer must be read out, by
reading each time at least the five registers rds_int, rds_qu, rds_corrp, rds_bd_h and
rds_bd_l without interruption. This must be done until the “bne” bit is set to zero (last
RDS block).
Note:
In polling mode the interrupt flag “int” is just a indication that the wanted information is stored
within the RAM buffer.
Note:
In polling mode it is possible that the last RDS data (rds_qu, rds_corrp, rds_bd_h and
rds_bd_l), which was read out as the “bne” flag was set to zero, is identical to the RDS data
before. This must be checked by the external micro controller by comparing the last received
2 RDS blocks. If they are identical, one of them can be skipped (This is the case if just one
RDS block is stored within the RAM buffer).
Hereafter you can find typical read/write access in SPI mode:
Figure 19.
Write rds_int, rds_bd_ctrl and pll_reg4 registers in SPI mode, reading
RDS data and related flags
Figure 20.
Read out RDS data and related flags, no update of rds_int and
rds_bd_ctrl registers
Note:
sinc4reg and testreg must be zero filled for application.
CSN
DATAIN
DATAOUT
CLK
rds_int[0]
rds_int[1]
2
64
63
8
7
6
5
4
3
1
rds_int[7]
testreg[0]
rds_int[6]
rds_int[0]
rds_int[1]
rds_int[2]
rds_int[3]
rds_int[4]
rds_int[5]
testreg[1]
shift of DATAIN
in shiftregister
update of
shiftregister with
registers content
update of registers
with shiftregister
content if requested
tcsu
tsu
th
todv toh
tcsh
tcl tch
td
CSN
DATAIN
DATAOUT
CLK
rds_int[7:0]
rds_qu[7:0]
rds_corrp[7:0]
rds_bd_h[7:0]
rds_bd_l[7:0]
{0,x,x,x,x,x,x,x}
{x,x,x,x,x,x,x,x}
{x,x,x,x,x,x,x,x}
testreg[7:0]
sinc4reg[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com