Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SLG46140V Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # SLG46140V
Description  Programmable Mixed-signal Matrix
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG46140V Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button SLG46140V Datasheet HTML 24Page - Renesas Technology Corp SLG46140V Datasheet HTML 25Page - Renesas Technology Corp SLG46140V Datasheet HTML 26Page - Renesas Technology Corp SLG46140V Datasheet HTML 27Page - Renesas Technology Corp SLG46140V Datasheet HTML 28Page - Renesas Technology Corp SLG46140V Datasheet HTML 29Page - Renesas Technology Corp SLG46140V Datasheet HTML 30Page - Renesas Technology Corp SLG46140V Datasheet HTML 31Page - Renesas Technology Corp SLG46140V Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 172 page
background image
000-0046140-124
Page 27 of 170
SLG46140
Table 14. Differential ADC Operation, T = (-40 to +85)°C, VDD = (1.71 to 5.5) V, Vcm = 500 mV, unless otherwise specified
Symbol
Parameter
Description/Note
Conditions
Min.
Max.
Unit
Vind
Input Voltage Range
(bit 0 to bit 255),
Differential
G = 1
-500
500
mV
G = 2
-250
250
mV
G = 4
-125
125
mV
G = 8
-62.5
62.5
mV
G = 16
-31.25
31.25
mV
Vcm
Input Common
Voltage (see Note 1)
G = 1, 2, 4, 8, 16
VDD = 1.8 V ±5%
400
550
mV
VDD = 3.3 V ±10%
400
950
mV
VDD = 5 V ±10%
400
950
mV
ZE
Offset Zero Error
G = 1
T = 25°C
--
±2.5
LSB
G = 2
--
±2.7
LSB
G = 4
--
±3.3
LSB
G = 8
--
±4.6
LSB
G = 16
--
±6.8
LSB
dZE/dT
Offset Zero Error
Temperature Drift
G = 1
--
±0.014
%/°C
G = 2
--
±0.015
%/°C
G = 4
--
±0.02
%/°C
G = 8
--
±0.032
%/°C
G = 16
--
±0.1
%/°C
GE
Gain Error
G = 1
T = 25°C
--
±0.8
LSB
G = 2
--
±0.8
LSB
G = 4
--
±0.5
LSB
G = 8
--
±1
LSB
G = 16
--
±1
LSB
dGE/dT
Gain Error
Temperature Drift
G = 1
--
±0.007
%/°C
G = 2
--
±0.007
%/°C
G = 4
--
±0.006
%/°C
G = 8
--
±0.006
%/°C
G = 16
--
±0.005
%/°C
INL
Integral Non-Linearity
Error
G = 1
T = 25°C
--
±1.6
LSB
--
±3.2
LSB
G = 2
T = 25°C
--
±1.3
LSB
--
±3
LSB
G = 4
T = 25°C
--
±1.2
LSB
--
±3.1
LSB
G = 8
T = 25°C
--
±1.3
LSB
--
±3.4
LSB
G = 16
T = 25°C
--
±1.6
LSB
--
±3.2
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com