Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDAM500 Datasheet(PDF) 7 Page - TT Electronics.

Part # PDAM500
Description  PDAM500 Power Supply Series (500W)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PDAM500 Datasheet(HTML) 7 Page - TT Electronics.

  PDAM500 Datasheet HTML 1Page - TT Electronics. PDAM500 Datasheet HTML 2Page - TT Electronics. PDAM500 Datasheet HTML 3Page - TT Electronics. PDAM500 Datasheet HTML 4Page - TT Electronics. PDAM500 Datasheet HTML 5Page - TT Electronics. PDAM500 Datasheet HTML 6Page - TT Electronics. PDAM500 Datasheet HTML 7Page - TT Electronics. PDAM500 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TT Electronics | Power Partners, Inc
155 Northboro Rd. #9, Southborough, MA 01772, USA. t: +1 (978) 567-9600  
© TT Electronics plc
General Note 
All data sheets are subject to change without no ce.
ISS.8  08/11/2023  Page: 7
Diagrams
Func on Descrip on of CN1
Pin No.
Func on
Descrip on
C1
-5VSB
This pin connects to the nega ve terminal (-V). Return for DC-OK and –RC signal output.
C2
+5VSB
Stand by voltage output ground 3.7~6V, referenced to pin C8 (+5VSB). The maximum load current is 0.6A.
C3
GND
This pin connects to the nega ve terminal (-V). Return for DC-OK and –RC signal output.
C4
DC OK
DC-OK signal is a DC output, referenced to pin C6 (DC-OK GND).
C5
-RC
This pin connects to the nega ve terminal (-V). Return for DC-OK and –RC signal output.
C6
+RC
Turns the output on and off by electrical or dry contact between pin C4 (-RC), Short: Power OFF, Open: Power ON.
C7
-S
Nega ve sensing. The –S Signal should be connected to the nega ve terminal of the load. The –S and +S leads 
should be twisted in pair to minimize noise pick-up effect. The maximum line drop compensa on is 0.3V.
C8
+S
Posi ve sensing. The +S Signal should be connected to the nega ve terminal of the load. The +S and –S leads 
should be twisted in pair to minimize noise pick-up effect. The maximum line drop compensa on is 0.3V.
Func on Manual & Applica on
1. DC-OK Signal
Between DC-OK and GND
Output Status
3.7~6V
ON
0~1V
OFF
1. Remote Control
Between +RC and -RC
Output Status
SW ON (Short)
OFF
SW OFF (Open)
ON



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com