Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDAM500 Datasheet(PDF) 2 Page - TT Electronics.

Part # PDAM500
Description  PDAM500 Power Supply Series (500W)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PDAM500 Datasheet(HTML) 2 Page - TT Electronics.

  PDAM500 Datasheet HTML 1Page - TT Electronics. PDAM500 Datasheet HTML 2Page - TT Electronics. PDAM500 Datasheet HTML 3Page - TT Electronics. PDAM500 Datasheet HTML 4Page - TT Electronics. PDAM500 Datasheet HTML 5Page - TT Electronics. PDAM500 Datasheet HTML 6Page - TT Electronics. PDAM500 Datasheet HTML 7Page - TT Electronics. PDAM500 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© TT Electronics plc
General Note 
All data sheets are subject to change without no ce.
ISS.8    08/11/2023  Page: 2
TT Electronics | Power Partners, Inc
155 Northboro Rd. #9, Southborough, MA 01772, USA. t: +1 (978) 567-9600  
Specifica ons
Input
Input Voltage 
90-264VAC or 120-370VDC
Input Frequency 
47-63Hz
Input Current 
<6.3A @ 115VAC; <3.15A @ 230VAC
Inrush Current
<40A @ 115VAC; 80A @ 230VAC
Power Factor
>0.94 Full load (230VAC)
Output
Total Output Power
500W
Hold Up Time
8ms min (115VAC)
Minimum Load 
3%
Protec on Features
Overvoltage Protec on
Auto Recovery
Overload Protec on
Auto Recovery
Short Circuit Protec on 
Protec on Level 1 (nominal): Con nuous, Auto Recovery
Protec on Level 2 (instantaneous high current): Latch
Environmental
Opera ng Temperature 
-30°C to +70°C (with dera ng)
Storage Temperature
-35°C to +85°C
Humidity
95% RH
Opera ng Al tude 
<5000 meters for medical use
General Specifica ons
Dimensions
3.0” x 5.03” x 1.38”
127.8mm x 76.2mm x 35.0mm
Weight
480g
MTBF
>160k hours per MIL-HDBK-217F at full load and 25°C ambient tem‐
perature
Maximum Efficiency
93%
Over Temperature Protec on
Auto Recovery
Temperature Coefficient
±0.03%/°C (0~50°C)
±0.06%/°C (-30~0°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com