Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDAM500-18A Datasheet(PDF) 1 Page - TT Electronics.

Part # PDAM500-18A
Description  PDAM500 Power Supply Series (500W)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PDAM500-18A Datasheet(HTML) 1 Page - TT Electronics.

  PDAM500-18A Datasheet HTML 1Page - TT Electronics. PDAM500-18A Datasheet HTML 2Page - TT Electronics. PDAM500-18A Datasheet HTML 3Page - TT Electronics. PDAM500-18A Datasheet HTML 4Page - TT Electronics. PDAM500-18A Datasheet HTML 5Page - TT Electronics. PDAM500-18A Datasheet HTML 6Page - TT Electronics. PDAM500-18A Datasheet HTML 7Page - TT Electronics. PDAM500-18A Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© TT Electronics plc
General Note 
All data sheets are subject to change without no ce.
ISS.8    08/11/2023  Page: 1
TT Electronics | Power Partners, Inc
155 Northboro Rd. #9, Southborough, MA 01772, USA. t: +1 (978) 567-9600  
Descrip on:
The PDAM500 series of compact, open-framed AC-DC switching power supplies offers a high power density to fit in a small 
space.  This dense 3” x 5” pla orm offers up to 500W of con nuous power across a wide range of opera ng temperatures, 
all while maintaining a low emissions profile.  All models meet FCC, EN55011, and EN55032 emission limits, and comply with 
UL, IEC, CE, and more.
Features:
· UL/IEC/EN 60601 3.1 Edi on 
· UL/IEC/EN 62368-1 Safety Approvals
· High power density: 500W in 3” x 5” footprint
· Open Frame or Enclosed Versions Available
· Remote ON/OFF Func on
· Built-in 12V/0.3A Auxiliary Output
· Standby 5V @ 1A with Fan, @ 0.4A without Fan
· High Efficiency up to 93%
· P.F.C. Func on >0.94
Model1
Output
Voltage
Maximum
Load
Convec on2
Maximum
Load with
30CFM
Forced Air
Output Load
Regula on
Ripple &
Noise6
Average
Efficiency
(230 VAC)
Fan Output
PDAM500-12A
12V
20A
41.5A
±1.2%
160mV
90.5%
12A/0.3A
PDAM500-14A
24V
10A
20.8A
±1%
240mV
92%
12A/0.3A
PDAM500-18A
48V
5A
10.41A
±1%
480mV
93%
12A/0.3A
NOTES:
1. All models are available in an enclosed version (e.g. PDAM500-12A would be PDAM500-12C)
2. Listed values are taken at 230VAC. At 115VAC, 19.16A, 9.58A, and 4.8A for the models listed as shown.
3. Recommended to add Varistor 14S471K at L/N input side in parallel.
4. Hold-up Time measured at 90% Vout
5. Main Vout >3% Load, 12V (Aux) / 0.3A.
6. Measured at 20MHz bandwidth with a 47uF electroly c capacitor and  0.1uF ceramic capacitor in parallel at the output 
connector.
7. 400mA convec on rated.
PDAM500-13A
15V
14.66A
33.3A
±1%
160mV
90.5%
12A/0.3A
+5VSB
Output7
5V/1A
5V/1A
5V/1A
5V/1A


Similar Part No. - PDAM500-18A

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PDAM120 TTELEC-PDAM120 Datasheet
1Mb / 8P
PDAM120 Series 120W Power Supplies
22/07/2020
PDAM120-12A TTELEC-PDAM120-12A Datasheet
1Mb / 8P
PDAM120 Series 120W Power Supplies
22/07/2020
PDAM120-12B TTELEC-PDAM120-12B Datasheet
1Mb / 8P
PDAM120 Series 120W Power Supplies
22/07/2020
PDAM120-12C TTELEC-PDAM120-12C Datasheet
1Mb / 8P
PDAM120 Series 120W Power Supplies
22/07/2020
PDAM120-14A TTELEC-PDAM120-14A Datasheet
1Mb / 8P
PDAM120 Series 120W Power Supplies
22/07/2020
More results

Similar Description - PDAM500-18A

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
TPS_PCI500_4D CANDD-TPS_PCI500_4D Datasheet
491Kb / 4P
500W Quad Output Power Supply
logo
Tumbler Technologies + ...
TMPC-500 TRUMPOWER-TMPC-500 Datasheet
72Kb / 1P
500W ATX PC Power Supply
logo
List of Unclassifed Man...
R2A-500D1V2 ETC2-R2A-500D1V2 Datasheet
319Kb / 12P
500W500W 2/3U Redundant Power Supply.
R4B-500G1V2 ETC2-R4B-500G1V2 Datasheet
328Kb / 13P
500W500W Mini Redundant Power Supply
R4S-500G1V2 ETC2-R4S-500G1V2 Datasheet
319Kb / 13P
500W500W Mini Redundant Power Supply
EFRP-G2507H ETC2-EFRP-G2507H Datasheet
540Kb / 2P
1U 500W Server Power Supply
EFRP-S2502 ETC2-EFRP-S2502 Datasheet
511Kb / 2P
PS2 Mini Redundant 500W Power Supply
logo
Tumbler Technologies + ...
TIPC500BE TRUMPOWER-TIPC500BE Datasheet
381Kb / 1P
500W PS/2 ATX IPC Power Supply
logo
Mean Well Enterprises C...
EPP-500 MEANWELL-EPP-500 Datasheet
150Kb / 5P
500W Green Open Frame Power Supply
RPS-500 MEANWELL-RPS-500 Datasheet
752Kb / 10P
500W  Reliable Green Medical Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com