Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PDAM500-18A Datasheet(PDF) 3 Page - TT Electronics.

Part # PDAM500-18A
Description  PDAM500 Power Supply Series (500W)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PDAM500-18A Datasheet(HTML) 3 Page - TT Electronics.

  PDAM500-18A Datasheet HTML 1Page - TT Electronics. PDAM500-18A Datasheet HTML 2Page - TT Electronics. PDAM500-18A Datasheet HTML 3Page - TT Electronics. PDAM500-18A Datasheet HTML 4Page - TT Electronics. PDAM500-18A Datasheet HTML 5Page - TT Electronics. PDAM500-18A Datasheet HTML 6Page - TT Electronics. PDAM500-18A Datasheet HTML 7Page - TT Electronics. PDAM500-18A Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© TT Electronics plc
General Note 
All data sheets are subject to change without no ce.
ISS.8    08/11/2023  Page: 3
TT Electronics | Power Partners, Inc
155 Northboro Rd. #9, Southborough, MA 01772, USA. t: +1 (978) 567-9600  
Specifica ons Con nued
Safety
Approved to USA/Canada
UL60601-1 3rd Edi on (2 x MOPP)
UL62368-1 (Except 15V model)
Approved to Europe
IEC/EN60601-1 3rd Edi on (2 x MOPP)
CB Report 
EN62368-1 (Except 15V model)
Earth Leakage Current
<0.1 mA max. 264VAC (Input-Output)
Isola on
4000VAC input to output, 2 x MOPP
2000VAC input to ground, 1 x MOPP
1500VAC output to ground, 1 x MOPP
EMC
EMC (IEC60601-1-2:2014)
FCC Class B Radiated & Conducted
EN55011/55032 Class B Radiated  & Conducted
Harmonic Currents
Voltage Flicker
Electrosta c Discharge
Radiated Immunity
EFT
Surge Immunity
Conducted Immunity
Power Frequency Magne c Field Immunity
Dips/Interrup ons
IEC 61000-3-2
IEC 61000-3-3
IEC 61000-4-2: 15kV Air, 8kV contact 
IEC 61000-4-3: 10V/m
IEC 61000-4-4: +/-2kV
IEC 61000-4-5: 2005 1kV diff, 2kV com
IEC 61000-4-6: 10Vrms
IEC 61000-4-8: 30A/m
IEC 61000-4-11: 30% reduc on for 500ms, 100% reduc on for 
10ms. 
*Consult with TT Electronics for informa on on addi onal country safety approvals 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com