Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO124U/1K Datasheet(PDF) 28 Page - Texas Instruments

Part # ISO124U/1K
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124U/1K Datasheet(HTML) 28 Page - Texas Instruments

Back Button ISO124U/1K Datasheet HTML 21Page - Texas Instruments ISO124U/1K Datasheet HTML 22Page - Texas Instruments ISO124U/1K Datasheet HTML 23Page - Texas Instruments ISO124U/1K Datasheet HTML 24Page - Texas Instruments ISO124U/1K Datasheet HTML 25Page - Texas Instruments ISO124U/1K Datasheet HTML 26Page - Texas Instruments ISO124U/1K Datasheet HTML 27Page - Texas Instruments ISO124U/1K Datasheet HTML 28Page - Texas Instruments ISO124U/1K Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
MECHANICAL DATA
MPDS105 – AUGUST 2001
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DVA (R-PDSO-G8/28)
PLASTIC SMALL-OUTLINE
4202103/B 08/01
Index
Area
114
15
28
Seating
Plane
17,70
18,10
7,60
7,40
10,01
10,65
2,35
2,65
0,30
0,10
0,51
0,33
0,32
0,23
0,25
0,75
x 45
°
1,27
0,40
0
°–8°
C
F
G
1,27
0,25 M
B
A
C
S
0,10
0,25
M
B
C
B
A
D
M
M
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C.
Body length dimension does not include mold
flash, protrusions, or gate burrs. Mold flash, protrusions,
and gate burrs shall not exceed 0,15 mm per side.
D.
Body width dimension does not include inter-lead flash
or portrusions. Inter-lead flash and protrusions
shall not exceed 0,25 mm per side.
E. The chamfer on the body is optional. If it is not present,
a visual index feature must be located within the
cross-hatched area.
F. Lead dimension is the length of terminal for soldering
to a substrate.
G. Lead width, as measured 0,36 mm or greater
above the seating plane, shall not exceed a
maximum value of 0,61 mm.
H.
Lead-to-lead coplanarity shall be less than
0,10 mm from seating plane.
I. Falls within JEDEC MS-013-AE with the exception
of the number of leads.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com