Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO124U/1K Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO124U/1K
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124U/1K Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO124U/1K Datasheet HTML 5Page - Texas Instruments ISO124U/1K Datasheet HTML 6Page - Texas Instruments ISO124U/1K Datasheet HTML 7Page - Texas Instruments ISO124U/1K Datasheet HTML 8Page - Texas Instruments ISO124U/1K Datasheet HTML 9Page - Texas Instruments ISO124U/1K Datasheet HTML 10Page - Texas Instruments ISO124U/1K Datasheet HTML 11Page - Texas Instruments ISO124U/1K Datasheet HTML 12Page - Texas Instruments ISO124U/1K Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
200kΩ
1pF
1pF
1pF
1pF
150pF
Osc
200µA
100µA
Sense
200µA
100µA
200kΩ
150pF
S/H
G = 1
S/H
G = 6
Sense
A2
A1
+V
S2
Gnd 2
–V
S2
+V
S1
Gnd 1
–V
S1
V
IN
V
OUT
Isolation Barrier
9
ISO124
www.ti.com
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Isolation Amplifier
The ISO124 is a precision analog isolation amplifier. The input signal is transmitted digitally across a high-voltage
differential capacitive barrier. With digital modulation, the barrier characteristics do affect signal integrity, resulting
in excellent reliability and high-frequency transient immunity.
7.4 Device Functional Modes
The ISO124 device does not have any additional functional modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com