Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2756TMX/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # LM2756TMX/NOPB
Description  LM2756 Multi-Display Inductorless LED Driver with 32 Exponential Dimming Steps in DSBGA
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2756TMX/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM2756TMX/NOPB Datasheet HTML 10Page - Texas Instruments LM2756TMX/NOPB Datasheet HTML 11Page - Texas Instruments LM2756TMX/NOPB Datasheet HTML 12Page - Texas Instruments LM2756TMX/NOPB Datasheet HTML 13Page - Texas Instruments LM2756TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM2756TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM2756TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM2756TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM2756TMX/NOPB Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
1
bit7
1
bit6
1
bit5
1
bit4
1
bit3
1
bit2
VF1
bit1
VF0
bit0
MSB
LSB
VF Monitor Delay Register
Register Address: 0x60
1
bit7
1
bit6
1
bit5
1
bit4
0
bit3
0
bit2
RS1
bit1
RS0
bit0
MSB
LSB
Ramp Step Time Register
Register Address: 0x20
LM2756
SNVS504C – JULY 2007 – REVISED MAY 2013
www.ti.com
Table 1. Brightness Level Control Table (GroupA) (continued)
Brightness Code (hex)
Perceived Brightness Level (%)
0B
3.75
0C
4.375
0D
5.25
0E
6.25
0F
7.5
10
8.75
11
10
12
12.5
13
15
14
16.875
15
18.75
16
22.5
17
26.25
18
31.25
19
37.5
1A
43.75
1B
52.5
1C
61.25
1D
70
1E
87.5
1F
100
GroupB and GroupC Brightness Levels (% of Full-Scale) = 10%, 20%, 30%, 40%, 50%, 60%, 70%, 100%
Figure 24. Ramp Step Time Register Description
Internal Hex Address: 20h
NOTE
RS1-RS0: Sets Brightness Ramp Step Time. The Brightness ramp settings only affect
GroupA current sinks. ('00' = 100µs, '01' = 25ms, '10' = 50ms, '11' = 100ms).
Figure 25. VF Monitor Delay Register Description
Internal Hex Address: 60h
NOTE
VF1-VF0: Sets the Gain Transition Delay Time. The VF Monitor Delay can be set to four
different delay times. ('00' (Default) = 3-6msec., '01' = 1.5-3msec., '10' = 0.4-0.8msec., '11'
= 60-90µsec.).
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM2756



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com