Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM397MFX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM397MFX/NOPB
Description  LM397 Single General-Purpose Voltage Comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM397MFX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM397MFX/NOPB Datasheet HTML 1Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 2Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 3Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 4Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 5Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 6Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 7Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 8Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4
LM397
SNOS977F – MAY 2001 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM397
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
The maximum power dissipation is a function of TJ(MAX), RθJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ RθJA . All numbers apply for packages soldered directly onto a PCB.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
VIN differential
30
30
V
Supply voltages
±15
30
V
Voltage at input pins
−0.3
30
V
Junction temperature(3)
150
ºC
Soldering
information
Infrared or Convection (20 sec.)
235
ºC
Wave Soldering (10 sec.)
260
ºC
Storage Temperature, Tstg
−65
150
ºC
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
Human Body Model, applicable std. MIL-STD-883, Method 3015.7. Machine Model, applicable std. JESD22-A115-A (ESD MM std. of
JEDEC) Field-Induced Charge-Device Model, applicable std. JESD22-C101-C (ESD FICDM std. of JEDEC).
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2)
±2000
V
Machine Model(1)(2)
±200
(1)
The maximum power dissipation is a function of TJ(MAX), RθJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ RθJA . All numbers apply for packages soldered directly onto a PCB.
6.3 Recommended Operating Conditions
MIN
MAX
UNIT
Supply voltage, VS
5
30
V
Temperature(1)
−40
85
°C
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
The maximum power dissipation is a function of TJ(MAX), RθJA. The maximum allowable power dissipation at any ambient temperature is
PD = (TJ(MAX) – TA)/ RθJA . All numbers apply for packages soldered directly onto a PCB.
6.4 Thermal Information
THERMAL METRIC(1)
LM397
UNIT
DBV (SOT-23)
5 PINS
RθJA
Junction-to-ambient thermal resistance(2)
186
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
92.8
°C/W
RθJB
Junction-to-board thermal resistance
38.9
°C/W
ψJT
Junction-to-top characterization parameter
5.6
°C/W
ψJB
Junction-to-board characterization parameter
38.4
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com