Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM397MFX/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM397MFX/NOPB
Description  LM397 Single General-Purpose Voltage Comparator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM397MFX/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM397MFX/NOPB Datasheet HTML 2Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 3Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 4Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 5Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 6Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 7Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 8Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 9Page - Texas Instruments LM397MFX/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
1
10
100
0.01
0.1
1
OUTPUT SINK CURRENT (mA)
-40
R
C
25
R
C
85
R
C
0
5
10
15
2
0
25
30
SUPPLY VOLTAGE (V)
1
1.5
2.5
2
-40°C
85°C
25°C
0
5
10
15
20
25
30
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
SUPPLY VOLTAGE (V)
-40°C
25°C
85°C
0
5
10
15
20
25
30
SUPPLY VOLTAGE (V)
0
2
4
6
8
10
12
14
-40°C
25°C
85°C
6
LM397
SNOS977F – MAY 2001 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM397
Submit Documentation Feedback
Copyright © 2001–2016, Texas Instruments Incorporated
6.6 Typical Characteristics
TA = 25°C. Unless otherwise specified.
Figure 1. Supply Current vs Supply Voltage
Figure 2. Input Bias Current vs Supply Current
Figure 3. Output Saturation Voltage vs Output Sink Current
Figure 4. Input Offset Voltage vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com