Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM34910CSD/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM34910CSD/NOPB
Description  LM34910C High Voltage (50V, 1.25A) Step Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34910CSD/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM34910CSD/NOPB Datasheet HTML 3Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 4Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 5Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 6Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 7Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 8Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 9Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 10Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
FB
SW
L1
C2
R1
R2
R3
LM34910C
BST
VCC
D2
C3
C4
D1
ISEN
SGND
VOUT1
VOUT2
FB
SW
L1
C2
R1
R2
VOUT2
R3
LM34910C
LM34910C
www.ti.com
SNVS517B – MAY 2007 – REVISED MARCH 2013
Output voltage regulation is based on ripple voltage at the feedback input, requiring a minimum amount of ESR
for the output capacitor C2. The LM34910C requires a minimum of 25 mV of ripple voltage at the FB pin. In
cases where the capacitor’s ESR is insufficient additional series resistance may be required (R3 in Typical
Application Circuit and Block Diagram).
For applications where lower output voltage ripple is required the output can be taken directly from a low ESR
output capacitor as shown in Figure 3. However, R3 slightly degrades the load regulation.
Figure 3. Low Ripple Output Configuration
Start-up Regulator, VCC
The start-up regulator is integral to the LM34910C. The input pin (VIN) can be connected directly to line voltage
up to 50V, with transient capability to 55V. The VCC output regulates at 7.0V, and is current limited to 9 mA. Upon
power up, the regulator sources current into the external capacitor at VCC (C3). When the voltage on the VCC pin
reaches the under-voltage lockout threshold of 5.8V, the buck switch is enabled and the Softstart pin is released
to allow the Softstart capacitor (C6) to charge up.
The minimum input voltage is determined by the regulator’s dropout voltage, the VCC UVLO falling threshold
(
≊5.7V), and the frequency. When VCC falls below the falling threshold the VCC UVLO activates to shut off the
output. If VCC is externally loaded, the minimum input voltage increases since the output impedance at VCC is
≊140Ω. See Figure 1.
To reduce power dissipation in the start-up regulator, an auxiliary voltage can be diode connected to the VCC pin.
Setting the auxiliary voltage to between 8V and 14V shuts off the internal regulator, reducing internal power
dissipation. The sum of the auxiliary voltage and the input voltage (VCC + VIN) cannot exceed 70V. Internally, a
diode connects VCC to VIN. See Figure 4.
Figure 4. Self Biased Configuration
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM34910C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com