Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM34910CSD/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM34910CSD/NOPB
Description  LM34910C High Voltage (50V, 1.25A) Step Down Switching Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM34910CSD/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM34910CSD/NOPB Datasheet HTML 4Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 5Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 6Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 7Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 8Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 9Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 10Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 11Page - Texas Instruments LM34910CSD/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
STOP
RUN
RON/SD
Input
Voltage
LM34910C
VIN
RON
FMAX =
VOUT
VINMAX x 200 ns
tON =
VIN
1.3 x 10
-10 x R
ON
LM34910C
SNVS517B – MAY 2007 – REVISED MARCH 2013
www.ti.com
Regulation Comparator
The feedback voltage at FB is compared to the voltage at the Softstart pin (2.5V). In normal operation (the output
voltage is regulated), an on-time period is initiated when the voltage at FB falls below 2.5V. The buck switch
stays on for the on-time, causing the FB voltage to rise above 2.5V. After the on-time period, the buck switch
stays off until the FB voltage falls below 2.5V. Bias current at the FB pin is nominally 100 nA.
Over-Voltage Comparator
The voltage at FB is compared to an internal 2.875V reference. If the voltage at FB rises above 2.875V the on-
time pulse is immediately terminated. This condition can occur if the input voltage or the output load changes
suddenly, or if the inductor (L1) saturates. The buck switch remains off until the voltage at FB falls below 2.5V.
ON-Time Timer, and Shutdown
The on-time for the LM34910C is determined by the RON resistor and the input voltage (VIN), and is calculated
from:
(5)
See Figure 2. The inverse relationship with VIN results in a nearly constant frequency as VIN is varied. RON should
be selected for a minimum on-time (at maximum VIN) greater than 200 ns. This requirement limits the maximum
frequency for each application, depending on VIN and VOUT, calculated from the following:
(6)
The LM34910C can be remotely shut down by taking the RON/SD pin below 0.65V. See Figure 5. In this mode
the SS pin is internally grounded, the on-timer is disabled, and bias currents are reduced. Releasing the RON/SD
pin allows normal operation to resume. The voltage at the RON/SD pin is between 1.5V and 3.0V, depending on
VIN and the RON resistor.
Figure 5. Shutdown Implementation
Current Limit
Current limit detection occurs during the off-time by monitoring the recirculating current through the free-wheeling
diode (D1). Referring to Typical Application Circuit and Block Diagram, when the buck switch is turned off the
inductor current flows through the load, into SGND, through the sense resistor, out of ISEN and through D1. If that
current exceeds 1.25A the current limit comparator output switches to delay the start of the next on-time period if
the voltage at FB is below 2.5V. The next on-time starts when the current out of ISEN is below 1.25A and the
voltage at FB is below 2.5V. If the overload condition persists causing the inductor current to exceed 1.25A
during each on-time, that is detected at the beginning of each off-time. The operating frequency may be lower
due to longer-than-normal off-times.
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM34910C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com