Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4861M/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4861M/NOPB
Description  LM4861 1.1W Audio Power Amplifier with Shutdown Mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4861M/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4861M/NOPB Datasheet HTML 9Page - Texas Instruments LM4861M/NOPB Datasheet HTML 10Page - Texas Instruments LM4861M/NOPB Datasheet HTML 11Page - Texas Instruments LM4861M/NOPB Datasheet HTML 12Page - Texas Instruments LM4861M/NOPB Datasheet HTML 13Page - Texas Instruments LM4861M/NOPB Datasheet HTML 14Page - Texas Instruments LM4861M/NOPB Datasheet HTML 15Page - Texas Instruments LM4861M/NOPB Datasheet HTML 16Page - Texas Instruments LM4861M/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LM4861
www.ti.com
SNAS095C – MAY 1997 – REVISED MAY 2013
INPUT -
6
-352
-710
83
x
83
GND
7
-243
-710
83
x
83
Vo1
8
-91
-710
170
x
83
GND
9
445
-574
83
x
170
VDD
10
445
-2
83
x
170
NC
11
445
387
83
x
83
GND
12
445
633
83
x
170
Vo2
13
-63
710
170
x
83
GND
14
-215
710
83
x
83
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com