Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM4861M/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Part # LM4861M/NOPB
Description  LM4861 1.1W Audio Power Amplifier with Shutdown Mode
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4861M/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM4861M/NOPB Datasheet HTML 3Page - Texas Instruments LM4861M/NOPB Datasheet HTML 4Page - Texas Instruments LM4861M/NOPB Datasheet HTML 5Page - Texas Instruments LM4861M/NOPB Datasheet HTML 6Page - Texas Instruments LM4861M/NOPB Datasheet HTML 7Page - Texas Instruments LM4861M/NOPB Datasheet HTML 8Page - Texas Instruments LM4861M/NOPB Datasheet HTML 9Page - Texas Instruments LM4861M/NOPB Datasheet HTML 10Page - Texas Instruments LM4861M/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
LM4861
www.ti.com
SNAS095C – MAY 1997 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Output Power vs
Power Dissipation vs
Supply Voltage
Output Power
Figure 11.
Figure 12.
Noise Floor
vs
Supply Current Distribution
Frequency
vs Temperature
Figure 13.
Figure 14.
Supply Current vs
Supply Voltage
Power Derating Curve
Figure 15.
Figure 16.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM4861



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com