Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7634E/1K Datasheet(PDF) 4 Page - Texas Instruments

Part # DAC7634E/1K
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7634E/1K Datasheet(HTML) 4 Page - Texas Instruments

  DAC7634E/1K Datasheet HTML 1Page - Texas Instruments DAC7634E/1K Datasheet HTML 2Page - Texas Instruments DAC7634E/1K Datasheet HTML 3Page - Texas Instruments DAC7634E/1K Datasheet HTML 4Page - Texas Instruments DAC7634E/1K Datasheet HTML 5Page - Texas Instruments DAC7634E/1K Datasheet HTML 6Page - Texas Instruments DAC7634E/1K Datasheet HTML 7Page - Texas Instruments DAC7634E/1K Datasheet HTML 8Page - Texas Instruments DAC7634E/1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
www.ti.com
SPECIFICATIONS
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
At T
A = TMIN to TMAX, VDD = VCC = 5 V, VSS = 0 V, VREFH = 2.5 V, and VREFL = 0 V, unless otherwise noted
DAC7634E
DAC7634EB
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
ACCURACY
Linearity error(1)
±3
±4
±2
±3
LSB
Linearity match
±4
±2
LSB
Differential linearity error
±2
±3
±1
±2
LSB
Monotonicity, TMIN to TMAX
14
15
Bits
Zero-scale error
±1
±2
±1
±2
mV
Zero-scale error drift
5
10
5
10
ppm/°C
Full-scale error
±1
±2
±1
±2
mV
Full-scale error drift
5
10
5
10
ppm/°C
Zero-scale matching
Channel-to-channel matching
±1
±2
±1
±2
mV
Full-scale matching
Channel-to-channel matching
±1
±2
±1
±2
mV
Power supply rejection ratio (PSRR)
At full scale
10
100
10
100
ppm/V
ANALOG INPUT
Voltage output
0
VREFH
0
VREFH
V
VREFL = 0 V, VSS = 0 V,
RL = 10 kΩ
Output current
– 1.25
1.25
–1.25
1.25
mA
Maximum load capacitance
No oscillation
500
500
pF
Short-circuit current
±30
±30
mA
Short-circuit duration
GND or VCC
Indefinite
Indefinite
REFERENCE INPUT
VREFL
VREFL
Ref high input voltage range
2.5
2.5
V
+1.25
+1.25
VREFH
VREFH
Ref low input voltage range
0
0
V
–1.25
–1.25
Ref high input current
250
250
µA
Ref low input current
–250
–250
µA
DYNAMIC PERFORMANCE
Settling time
To ±0.003%, 2.5-V output step
8
10
8
10
µs
Channel-to-channel crosstalk
See Figure 6
0.5
0.5
LSB
Digital feedthrough
2
2
nV-s
Output noise voltage
f = 10 kHz
60
60
nV/
√Hz
7FFFH to 8000H or
DAC glitch
40
40
nV-s
8000H to 7FFFH
DIGITAL INPUT
VIH
0.7 × VDD
0.7 × VDD
V
VIL
0.3 × VDD
0.3 × VDD
V
IIH
±10
±10
µA
IIL
±10
±10
µA
DIGITAL OUTPUT
VOH
IOH = –0.8 mA
3.6
4.5
3.6
4.5
V
VOL
IOL = 1.6 mA
0.3
0.4
0.3
0.4
V
POWER SUPPLY
VDD
4.75
5.0
5.25
4.75
5.0
5.25
V
VCC
4.75
5.0
5.25
4.75
5.0
5.25
V
VSS
0
0
0
0
0
0
V
ICC
1.5
2
1.5
2
mA
IDD
50
50
µA
Power
7.5
10
7.5
10
mW
(1)
If VSS = 0 V specification applies at Code 0040H and above due to possible negative zero-scale error.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com