Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC7634E/1K Datasheet(PDF) 1 Page - Texas Instruments

Part # DAC7634E/1K
Description  16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7634E/1K Datasheet(HTML) 1 Page - Texas Instruments

  DAC7634E/1K Datasheet HTML 1Page - Texas Instruments DAC7634E/1K Datasheet HTML 2Page - Texas Instruments DAC7634E/1K Datasheet HTML 3Page - Texas Instruments DAC7634E/1K Datasheet HTML 4Page - Texas Instruments DAC7634E/1K Datasheet HTML 5Page - Texas Instruments DAC7634E/1K Datasheet HTML 6Page - Texas Instruments DAC7634E/1K Datasheet HTML 7Page - Texas Instruments DAC7634E/1K Datasheet HTML 8Page - Texas Instruments DAC7634E/1K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
BurrBrown Products
from Texas Instruments
FEATURES
DESCRIPTION
APPLICATIONS
DAC A
DAC B
DAC C
DAC D
V
REFL AB
V
REFH AB
VREF
VREF
VOUTD
VOUTC
VOUTB
VOUTA
VOUTB Sense
VREFL CD VREFH CD
SDI
SDO
Control
Logic
CS
CLOCK
RST
RESTSEL
LDAC
LOAD
AGND
DGND
VOUTC Sense
VOUTD Sense
VOUTA Sense
V
CC
V
SS
V
DD
DAC7634
VREF
VREF
Shift
Register
Input
Register A
Input
Register B
Input
Register C
Input
Register D
DAC
Register A
DAC
Register B
DAC
Register C
DAC
Register D
AB Sense
L
H
AB Sense
CD Sense
CD Sense
L
H
DAC7634
SBAS134B – JULY 2004 – REVISED DECEMBER 2005
16-BIT, QUAD VOLTAGE OUTPUT
DIGITAL-TO-ANALOG CONVERTER
•
Low Power: 10 mW
The DAC7634 is a 16-bit, quad voltage output, digital-
to-analog converter with specified 15-bit monotonic
•
Unipolar or Bipolar Operation
performance over the specified temperature range. It
•
Settling Time: 10 µs to 0.003%
accepts 24-bit serial input data, has double-buffered
•
15-Bit Linearity and Monotonicity:
DAC input logic (allowing simultaneous update of all
–40°C to 85°C
DACs), and provides
a
serial
data
output
for
daisy-chaining
multiple
DACs.
Programmable
•
Programmable Reset to Mid-Scale
asynchronous reset clears all registers to a mid-scale
or Zero-Scale
code of 8000H or to a zero-scale of 0000H. The
•
Double-Buffered Data Inputs
DAC7634 can operate from a single 5-V supply or
from 5-V and –5 V supplies.
Low power and small size per DAC make the
•
Process Control
DAC7634
ideal
for
automatic
test
equipment,
•
Closed-Loop Servo-Control
DAC-per-pin programmers, data acquisition systems,
•
Motor Control
and closed-loop servo-control. The DAC7634 is
•
Data Acquisition Systems
available in a 48-lead SSOP package and offers
specifications over the –40°C to 85°C temperature
•
DAC-Per-Pin Programmers
range.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2005, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DAC7634E/1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7634E/1K BURR-BROWN-DAC7634E/1K Datasheet
554Kb / 27P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7634E/1K TI1-DAC7634E/1K Datasheet
757Kb / 31P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7634E/1KG4 TI1-DAC7634E/1KG4 Datasheet
757Kb / 31P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
More results

Similar Description - DAC7634E/1K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC7644 BURR-BROWN-DAC7644 Datasheet
349Kb / 21P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7744 BURR-BROWN-DAC7744 Datasheet
458Kb / 23P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7664 TI-DAC7664 Datasheet
452Kb / 28P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7634 BURR-BROWN-DAC7634 Datasheet
554Kb / 27P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7734 TI1-DAC7734_14 Datasheet
1Mb / 31P
16-Bit, Quad Voltage Output, Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7744 TI1-DAC7744_14 Datasheet
1Mb / 28P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7634 TI1-DAC7634_08 Datasheet
757Kb / 31P
16-BIT, QUAD VOLTAGE OUTPUT DIGITAL-TO-ANALOG CONVERTER
DAC7644 TI1-DAC7644_08 Datasheet
552Kb / 25P
16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
DAC7654 TI1-DAC7654_15 Datasheet
1Mb / 33P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
DAC7664 TI1-DAC7664_15 Datasheet
1Mb / 32P
16-Bit, Quad Voltage Output Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com