Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC0802LCMX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC0802LCMX/NOPB
Description  DAC0800/DAC0802 8-Bit Digital-to-Analog Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC0802LCMX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DAC0802LCMX/NOPB Datasheet HTML 1Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 2Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 3Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 4Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 5Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 6Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 7Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 8Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
DAC0800, DAC0802
SNAS538C – JUNE 1999 – REVISED FEBRUARY 2013
www.ti.com
Absolute Maximum Ratings
(1)
Supply Voltage (V+
− V−)
±18V or 36V
Power Dissipation (2)
500 mW
Reference Input Differential Voltage
(V14 to V15)
V− to V+
Reference Input Common-Mode
Range (V14, V15)
V− to V+
Reference Input Current
5 mA
Logic Inputs
V− to V− plus 36V
Analog Current Outputs
(VS− = −15V)
4.25 mA
ESD Susceptibility (3)
TBD V
Storage Temperature
−65°C to +150°C
Lead Temp. (Soldering, 10 seconds)
PDIP Package (plastic)
260°C
CDIP Package (ceramic)
300°C
Surface Mount Package
Vapor Phase (60 seconds)
215°C
Infrared (15 seconds)
220°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
(2)
The maximum junction temperature of the DAC0800 and DAC0802 is 125°C. For operating at elevated temperatures, devices in the
CDIP package must be derated based on a thermal resistance of 100°C/W, junction-to-ambient, 175°C/W for the molded PDIP package
and 100°C/W for the SOIC package.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Operating Conditions
(1)
Min
Max
Units
Temperature (TA)
DAC0800L
−55
+125
°C
DAC0800LC
0
+70
°C
DAC0802LC
0
+70
°C
V+
(V−) + 10
(V−) + 30
V
V
−
−15
−5
V
IREF (V
− = −5V)
1
2
mA
IREF (V
− = −15V)
1
4
mA
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its specified operating conditions.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DAC0800 DAC0802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com