Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC0802LCMX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC0802LCMX/NOPB
Description  DAC0800/DAC0802 8-Bit Digital-to-Analog Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC0802LCMX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC0802LCMX/NOPB Datasheet HTML 6Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 7Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 8Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 9Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 10Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 11Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 12Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 13Page - Texas Instruments DAC0802LCMX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
DAC0800, DAC0802
SNAS538C – JUNE 1999 – REVISED FEBRUARY 2013
www.ti.com
(1)
Pin numbers represent the PDIP package. The SOIC package pin numbers differ from that of the PDIP package.
(2)
If RL = RL within ±0.05%, output is symmetrical about ground.
Figure 23. Symmetrical Offset Binary Operation
Table 3. Symmetrical Offset Binary Operation
B1
B2
B3
B4
B5
B6
B7
B8
EO
Pos. Full Scale
1
1
1
1
1
1
1
1
+9.960
Pos. Full Scale
−LSB
1
1
1
1
1
1
1
0
+9.880
(+)Zero Scale
1
0
0
0
0
0
0
0
+0.040
(
−)Zero Scale
0
1
1
1
1
1
1
1
−0.040
Neg. Full Scale+LSB
0
0
0
0
0
0
0
1
−9.880
Neg. Full Scale
0
0
0
0
0
0
0
0
−9.960
(1)
Pin numbers represent the PDIP package. The SOIC package pin numbers differ from that of the PDIP package.
(2)
For complementary output (operation as negative logic DAC), connect inverting input of op amp to IO (pin 2), connect
IO (pin 4) to ground.
Figure 24. Positive Low Impedance Output Operation
(1)
Pin numbers represent the PDIP package. The SOIC package pin numbers differ from that of the PDIP package.
(2)
For complementary output (operation as a negative logic DAC) connect non-inverting input of op am to IO (pin 2);
connect IO (pin 4) to ground.
Figure 25. Negative Low Impedance Output Operation
10
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: DAC0800 DAC0802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com