Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA270 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA270
Description  INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA270 Datasheet(HTML) 5 Page - Texas Instruments

  INA270 Datasheet HTML 1Page - Texas Instruments INA270 Datasheet HTML 2Page - Texas Instruments INA270 Datasheet HTML 3Page - Texas Instruments INA270 Datasheet HTML 4Page - Texas Instruments INA270 Datasheet HTML 5Page - Texas Instruments INA270 Datasheet HTML 6Page - Texas Instruments INA270 Datasheet HTML 7Page - Texas Instruments INA270 Datasheet HTML 8Page - Texas Instruments INA270 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
INA270, INA271
www.ti.com
SBOS381E – FEBRUARY 2007 – REVISED JANUARY 2018
Product Folder Links: INA270 INA271
Submit Documentation Feedback
Copyright © 2007–2018, Texas Instruments Incorporated
(1)
RTI means Referred-to-Input.
(2)
Initial resistor variation is ±30% with an additional –2200-ppm/°C temperature coefficient.
(3)
For output behavior when VSENSE < 20 mV, see the Accuracy Variations as a Result of VSENSE and Common-Mode Voltage section.
(4)
Total output error includes effects of gain error and VOS.
(5)
See typical characteristic curve Output Swing vs Output Current and the Accuracy Variations as a Result of VSENSE and Common-Mode
Voltage section.
(6)
Ensured by design; not production tested.
7.5 Electrical Characteristics
At TA = +25°C, VS = +5 V, VCM = +12 V, VSENSE = 100 mV, and PRE OUT connected to BUF IN, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VSENSE
Full-scale input voltage
VSENSE = (VIN+) – (VIN–)
0.15 (VS – 0.2) / Gain
V
VCM
Common-mode input range
TA = –40°C to +125°C
–16
+80
V
CMRR
Common-mode rejection ratio
VIN+ = –16 V to +80 V
80
120
dB
CMRR over temperature
VIN+ = +12 V to +80 V, TA = –40°C to
+125°C
100
120
dB
VOS
Offset voltage, RTI(1)
±0.5
2.5
mV
VOS over temperature
TA = –40°C to +125°C
±3
mV
dVOS/dT
VOS vs temperature
TA = –40°C to +125°C
2.5
20
μV/°C
PSR
VOS vs power-supply
VS = +2.7 V to +18 V, VCM = +18 V,
TA = –40°C to +125°C
5
100
μV/V
IB
Input bias current, VIN– pin
TA = –40°C to +125°C
±8
±16
μA
PRE OUT output impedance(2)
96
k
Ω
Buffer input bias current
–50
nA
Buffer input bias current temperature
coefficient
±0.03
nA/°C
OUTPUT (VSENSE ≥ 20mV)
(3)
G
Gain
INA270 total gain
14
V/V
INA271 total gain
20
V/V
GBUF
Output buffer gain
2
V/V
Total gain error
VSENSE = 20 mV to 100 mV
±0.2%
±1%
Total gain error Over temperature
TA = –40°C to +125°C
±2%
Total gain error vs temperature
TA = –40°C to +125°C
50
ppm/°C
Total output error(4)
±0.75%
±2.2%
Total output error
TA = –40°C to +125°C
±1.0%
±3.0%
Nonlinearity error
VSENSE = 20 mV to 100 mV
±0.002%
RO
Output impedance, pin 5
1.5
Ω
Maximum capacitive load
No sustained oscillation
10
nF
VOLTAGE OUTPUT(5) (RL = 10 kΩ to GND)
Swing to V+ power-supply rail
TA = –40°C to +125°C
(V+) – 0.05
(V+) – 0.2
V
Swing to GND(6)
TA = –40°C to +125°C
VGND + 0.003
VGND + 0.05
V
FREQUENCY RESPONSE
BW
Bandwidth
CLOAD = 5 pF
130
kHz
Phase margin
CLOAD < 10 nF
40
Degrees
SR
Slew rate
1
V/μs
tS
Settling time (1%)
VSENSE = 10 mV to 100 mVPP,
CLOAD = 5 pF
2
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com