Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA270 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA270
Description  INA27x Voltage Output, Unidirectional Measurement Current-Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA270 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA270 Datasheet HTML 7Page - Texas Instruments INA270 Datasheet HTML 8Page - Texas Instruments INA270 Datasheet HTML 9Page - Texas Instruments INA270 Datasheet HTML 10Page - Texas Instruments INA270 Datasheet HTML 11Page - Texas Instruments INA270 Datasheet HTML 12Page - Texas Instruments INA270 Datasheet HTML 13Page - Texas Instruments INA270 Datasheet HTML 14Page - Texas Instruments INA270 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
A1
A2
Single-PoleFilter
Capacitor
+2.7Vto+18V
5kW
5kW
96kW
RL
PREOUT
BUFIN
GND
OUT
IN-
IN+
V+
Load
-
16Vto+80V
Supply
R
S
INA270
0.01 F
m
0.1 F
m
11
INA270, INA271
www.ti.com
SBOS381E – FEBRUARY 2007 – REVISED JANUARY 2018
Product Folder Links: INA270 INA271
Submit Documentation Feedback
Copyright © 2007–2018, Texas Instruments Incorporated
8.3 Feature Description
8.3.1 Basic Connection
Figure 15 shows the basic connection of the INA270 and INA271. Connect the input pins (IN+ and IN–) as
closely as possible to the shunt resistor to minimize any resistance in series with the shunt resistance.
Power-supply bypass capacitors are required for stability. Applications with noisy or high-impedance power
supplies may require additional decoupling capacitors to reject power-supply noise. Place minimum bypass
capacitors of 0.01 μF and 0.1 μF in value close to the supply pins. Although not mandatory, an additional 10-mF
electrolytic capacitor placed in parallel with the other bypass capacitors may be useful in applications with
particularly noisy supplies.
Figure 15. INA270 Basic Connections
8.3.2 Selecting RS
The value chosen for the shunt resistor, RS, depends on the application and is a compromise between small-
signal accuracy and maximum permissible voltage loss in the measurement line. High values of RS provide better
accuracy at lower currents by minimizing the effects of offset, while low values of RS minimize voltage loss in the
supply line. For most applications, best performance is attained with an RS value that provides a full-scale shunt
voltage range of 50 mV to 100 mV. Maximum input voltage for accurate measurements is (VS – 0.2) / Gain.
8.3.3 Transient Protection
The –16-V to +80-V common-mode range of the INA270 and INA271 is ideal for withstanding automotive fault
conditions ranging from 12-V battery reversal up to +80-V transients because no additional protective
components are needed up to those levels. In the event that the INA270 and INA271 are exposed to transients
on the inputs in excess of their ratings, external transient absorption with semiconductor transient absorbers
(zeners or Transzorbs) are necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com