Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3450AMTX/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM3450AMTX/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450AMTX/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3450AMTX/NOPB Datasheet HTML 9Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 10Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 11Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 12Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 13Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 14Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 15Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 16Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
LOGIC
Rectified AC
ZCD
GATE
LM3450/50A
GND
COMP
FB
VAC
CS
2.7V
2.5V
346mV
50 P$
+
-
5 k:
1.5V
Error Amp
Disable
5V
+
-
+
-
Multiplier
VOUT
(Non-
isolated)
1/3
OPTO
(Isolated)
RAC2
RAC1
RZCD
QSW
RCS
CCMP
RFB1
RFB2
L
168mV
Shutdown
+
-
3V
OVP
+
-
IIN-PK
IP-PK
IS-PK
t
i
tON
TSW
LM3450
www.ti.com
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
Figure 20. CRM Flyback Current Waveforms
Figure 21. PFC Control Circuit
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com