Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3450AMTX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3450AMTX/NOPB
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450AMTX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM3450AMTX/NOPB Datasheet HTML 1Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 2Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 3Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 4Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 5Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 6Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 7Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 8Page - Texas Instruments LM3450AMTX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
VCC
VREF
ZCD
FLT2
DIM
GATE
VAC
CS
COMP
GND
FB
ISEN
HOLD
VADJ
FLT1
BIAS
9
10
11
12
13
14
15
16
8
7
6
5
4
3
2
1
LM3450
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
Connection Diagram
Top View
Figure 1. 16-Lead TSSOP
Package Number PW
PIN DESCRIPTIONS
Pin
Name
Description
Application Information
Reference Output: Connect directly to VADJ or to resistor divider feeding VADJ
1
VREF
3V Reference
and to necessary external circuits.
Analog Dim and Phase Dimming Range Input: Connect directly to VREF to force
standard 70% phase dimming range. Connect to resistor divider from VREF to
2
VADJ
Analog Adjust
extend usable range of some phase dimmers or for analog dimming. Connect to
GND for low power mode.
Ramp Comparator Input: Connect a series resistor from FLT1 capacitor and a
3
FLT2
Filter 2
capacitor to GND to establish second filter pole.
Angle Decoder Output: Connect a series resistor to a capacitor to GND to
4
FLT1
Filter 1
establish first filter pole.
Open Drain PWM Dim Output: Connect to dimming input of output stage LED
5
DIM
500 Hz PWM Output
driver (directly or with isolation) to provide decoded dimming command.
Multiplier and Angle Decoder Input: Connect to resistor divider from rectified AC
6
VAC
Sampled Rectified Line
line.
Error Amplifier Output and PWM Comparator Input: Connect a capacitor to GND
7
COMP
Compensation
to set the compensation.
Error Amplifier Inverting Input: Connect to output voltage via resistor divider to
control PFC voltage loop for non-isolated designs. Connect a 5.11k
Ω resistor to
8
FB
Feedback
GND for isolated designs (bypasses error amplifier). Also includes over-voltage
protection and shutdown modes.
Input Current Sense Non-Inverting Input: Connect to diode bridge return and
9
ISEN
Input Current Sense
resistor to GND to sense input current for dynamic hold. Connect a 0.1µF
capacitor and Schottky diode to GND, and a 0.22µF capacitor to HOLD.
10
GND
Power Ground
System Ground
MosFET Current Sense Input: Connect to positive terminal of sense resistor in
11
CS
Current Sense
PFC MosFET source.
12
GATE
Gate Drive
Gate Drive Output: Connect to gate of main power MosFET for PFC.
Power Supply Input: Connect to primary bias supply. Connect a 0.1µF bypass
13
VCC
Input Supply
capacitor to ground.
Demagnetization Sense Input: Connect a 100k
Ω resistor to transformer/inductor
14
ZCD
Zero Crossing Detector
winding to detect when all energy has been transferred.
Open Drain Dynamic Hold Input: Connect to holding resistor which is connected
15
HOLD
Dynamic Hold
to source of passFET.
Pre-regulator Gate Bias Output: Connect to gate of passFET and through
16
BIAS
Pre-regulator Gate Bias
resistor to rectified AC (drain of passFET) to aid with startup.
2
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com