Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3450MT/NOPB.A Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3450MT/NOPB.A
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450MT/NOPB.A Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3450MT/NOPB.A Datasheet HTML 3Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 4Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 5Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 6Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 7Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 8Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 9Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 10Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
TEMPERATURE (°C)
205
203
201
199
197
195
-50
-14
22
58
94
130
TEMPERATURE (°C)
357.0
356.6
356.2
355.8
355.4
355.0
-50
-14
22
58
94
130
TEMPERATURE (°C)
3.03
3.02
3.01
3.00
2.99
2.98
-50
-14
22
58
94
130
TEMPERATURE (°C)
2.510
2.506
2.502
2.498
2.494
2.490
-50
-14
22
58
94
130
TEMPERATURE (°C)
14
13
11
10
8
7
-50
-14
22
58
94
130
UVLO Rising
UVLO Falling
TEMPERATURE (°C)
580
560
540
520
500
480
-50
-14
22
58
94
130
LM3450
www.ti.com
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
TA=+25°C and VCC = 14V unless otherwise specified
VCC UVLO Threshold vs. Junction Temperature
Shutdown Current vs. Junction Temperature
Figure 8.
Figure 9.
VREF Reference vs. Junction Temperature
FB Reference vs. Junction Temperature
Figure 10.
Figure 11.
ISEN Reference vs. Junction Temperature
VAC Detection Threshold vs. Junction Temperature
Figure 12.
Figure 13.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com