Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM3450MT/NOPB.A Datasheet(PDF) 8 Page - Texas Instruments

Part # LM3450MT/NOPB.A
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450MT/NOPB.A Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM3450MT/NOPB.A Datasheet HTML 4Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 5Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 6Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 7Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 8Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 9Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 10Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 11Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
-0.2
0.0
0.2
0.4
0.6
0.8
1.0
DEMODULATED VAC PIN DUTY CYCLE
VADJ=3V
2V
1.5V
1V
0.5V
2.5V
VFB (V)
250
200
150
100
50
0
1.5
2.0
2.5
3.0
3.5
VCMP (V)
4.90
3.92
2.94
1.96
0.98
0.00
1.0
1.8
2.6
3.4
4.2
5.0
VAC = 3V
VAC = 4V
VAC = 2V
VAC = 1V
VAC = 0.1V
VAC = 0.5V
LM3450
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
TA=+25°C and VCC = 14V unless otherwise specified
Transconductance vs. VFB
Current Sense Threshold vs. VCOMP and VAC
Figure 14.
Figure 15.
Decoder Mapping from VAC to DIM
Figure 16.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com