Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM99CIMM/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LM99CIMM/NOPB
Description  LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM99CIMM/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM99CIMM/NOPB Datasheet HTML 1Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 2Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 3Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 4Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 5Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 6Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 7Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 8Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Graphics Card Power Supply
Shutdown Control
VDD
SMBus Master
and
Control Circuitry
Thermal Diode-Connected Transistor
LM99
D+
D-
2.2 nF
SMBData
SMBCLK
ALERT
T_CRIT_A
2
3
5
4
6
8
7
+3.3 VDC
10 uF
0.1 uF
100 pF
+3.3 VDC
5.1 k
Pull-ups
+3.3 VDC
1.5 k
Pull-ups
GND
1
VDD
Graphics Processor
LM99
www.ti.com
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
Typical Application
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com