Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM99CIMM/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LM99CIMM/NOPB
Description  LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM99CIMM/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM99CIMM/NOPB Datasheet HTML 2Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 3Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 4Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 5Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 6Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 7Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 8Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 9Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
VIH
VIL
SMBCLK
P
S
VIH
VIL
SMBDAT
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
P
LM99
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
www.ti.com
SMBus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for VDD = +3.0 Vdc to +3.6 Vdc, CL (load capacitance) on output lines = 80
pF. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
The switching characteristics of the LM99 fully meet or exceed the published specifications of the SMBus version 2.0. The
following parameters are the timing relationships between SMBCLK and SMBData signals related to the LM99. They adhere
to but are not necessarily the SMBus bus specifications.
Typical(1)
Limits(2)
Units
Symbol
Parameter
Conditions
(Limit)
fSMB
SMBus Clock Frequency
100
kHz (max)
10
kHz (min)
tLOW
SMBus Clock Low Time
from VIN(0)max to VIN(0)max
4.7
µs (min)
25
ms (max)
tHIGH
SMBus Clock High Time
from VIN(1)min to VIN(1)min
4.0
µs (min)
tR,SMB
SMBus Rise Time
See(3)
1
µs (max)
tF,SMB
SMBus Fall Time
See(4)
0.3
µs (max)
tOF
Output Fall Time
CL = 400 pF,
250
ns (max)
IO = 3 mA
(4)
tTIMEOUT
SMBData and SMBCLK Time Low for Reset of
25
ms (min)
Serial Interface(5)
35
ms (max)
tSU;DAT
Data In Setup Time to SMBCLK High
250
ns (min)
tHD;DAT
Data Out Stable after SMBCLK Low
300
ns (min)
900
ns (max)
tHD;STA
Start Condition SMBData Low to SMBCLK Low
100
ns (min)
(Start condition hold before the first clock falling
edge)
tSU;STO
Stop Condition SMBCLK High to SMBData Low
100
ns (min)
(Stop Condition Setup)
tSU;STA
SMBus Repeated Start-Condition Setup Time,
0.6
µs (min)
SMBCLK High to SMBData Low
tBUF
SMBus Free Time Between Stop and Start
1.3
µs (min)
Conditions
(1)
Typicals are at TA = 25°C and represent most likely parametric normal.
(2)
Limits are ensured to AOQL (Average Outgoing Quality Level).
(3)
The output rise time is measured from (VIN(0)max + 0.15 V) to (VIN(1)min − 0.15 V).
(4)
The output fall time is measured from (VIN(1)min - 0.15 V) to (VIN(1)min + 0.15 V).
(5)
Holding the SMBData and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will reset the LM99's SMBus state machine,
therefore setting SMBData and SMBCLK pins to a high impedance state.
Figure 2. SMBus Communication
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com