Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC148DCZ Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSC148DCZ
Description  High Voltage Fast-Switching NPN Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC148DCZ Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSC148DCZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC148DCZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC148DCZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC148DCZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC148DCZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSC148DCZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TSC148D
High Voltage Fast-Switching NPN Power Transistor
2/6
Version: A07
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC = 1mA, IB = 0
BVCBO
700
--
--
V
Collector-Emitter Breakdown Voltage
a
IC = 1mA, IE = 0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE = 0.1mA, IC = 0
BVEBO
9
--
--
V
Collector Cutoff Current
VCB = 700V, IE = 0
ICBO
--
--
10
uA
Collector Cutoff Current
VCE = 400V, IE = 0
ICEO
--
--
100
uA
Emitter Cutoff Current
VEB = 9V, IC = 0
IEBO
--
--
100
uA
IC =2A, IB =0.4A
VCE(SAT)1
--
--
0.8
IC =5A, IB =1A
VCE(SAT)2
--
--
1.5
Collector-Emitter Saturation Voltage
a
IC =8A, IB =2A
VCE(SAT)3
--
--
2
V
IC =4A, IB =0.4A
VBE(SAT)1
--
--
1.2
Base-Emitter Saturation Voltage
a
IC =5A, IB =1A
VBE(SAT)2
--
--
1.6
V
VCE =5V, IC =2A
18
--
40
DC Current Gain
VCE =5V, IC =5A
Hfe
8
--
25
Diode Forward Voltage
If =3A
Vf
--
--
2
V
Resistive Load Switching Time (Ratings)
Turn On Time
tON
--
--
0.6
uS
Storage Time
tSTG
--
1.3
1.6
uS
Fall Time
VCC =125V, IC =5A,
IB1=IB2=1A,
tp =25uS
Duty Cycle<1%
tf
--
--
0.3
uS
Notes:
a. Pulsed duration = 300uS, duty cycle ≤2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com