Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSC148DCZ Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSC148DCZ
Description  High Voltage Fast-Switching NPN Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC148DCZ Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSC148DCZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC148DCZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC148DCZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC148DCZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC148DCZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSC148DCZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSC148D
High Voltage Fast-Switching NPN Power Transistor
1/6
Version: A07
TO-220
ITO-220
PRODUCT SUMMARY
BVCEO
400V
BVCBO
700V
IC
8A
VCE(SAT)
1.5V @ IC / IB = 5A / 1A
Features
●
High Voltage Capability
●
Very High Speed Switching
Applications
●
Electronic Ballasts for Fluorescent Lighting
●
Flyback and Forward Single Transistor Low
Power Converters
Ordering Information
Part No.
Package
Packing
TSC148DCZ C0
TO-220
50pcs / Tube
TSC148DCI C0
ITO-220
50pcs / Tube
Absolute Maximum Rating (Ta = 25oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Collector-Base Voltage
VCBO
700V
V
Collector-Emitter Voltage
VCEO
400V
V
Emitter-Base Voltage
VEBO
9
V
Collector Current
IC
8
A
Collector Peak Current (tp < 5ms)
ICM
16
A
Base Current
IB
4
A
Base Peak Current (tp < 5ms)
IBM
8
A
TO-220
80
W
Total Dissipation
ITO-220
Ptot
36
W
Maximum Operating Junction Temperature
TJ
+150
oC
Storage Temperature Range
TSTG
-65 to +150
oC
Block Diagram
Pin Definition:
1. Base
2. Collector
3. Emitter


Similar Part No. - TSC148DCZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSC148DCZC0 TSC-TSC148DCZC0 Datasheet
266Kb / 7P
High Voltage Fast-Switching NPN Power Transistor
More results

Similar Description - TSC148DCZ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL138FP STMICROELECTRONICS-BUL138FP Datasheet
256Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Sep-2003
BUL216 STMICROELECTRONICS-BUL216_01 Datasheet
241Kb / 6P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Jun-2001
BUL804 STMICROELECTRONICS-BUL804_06 Datasheet
203Kb / 10P
High voltage fast-switching NPN Power Transistor
17-May-2006
BUF420AW STMICROELECTRONICS-BUF420AW Datasheet
283Kb / 8P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Mar-2002
BUL128 STMICROELECTRONICS-BUL128_01 Datasheet
235Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Nov-2001
BUL7216 STMICROELECTRONICS-BUL7216 Datasheet
180Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Jan-2006
ST8812FP STMICROELECTRONICS-ST8812FP Datasheet
130Kb / 10P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
17-Nov-2005
ST13007D STMICROELECTRONICS-ST13007D Datasheet
215Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
Apr-2003
ST13007DFP STMICROELECTRONICS-ST13007DFP Datasheet
222Kb / 7P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
May-2003
STX13005 STMICROELECTRONICS-STX13005_05 Datasheet
260Kb / 9P
HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
11-Feb-2005
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com