Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49151TL/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LM49151TL/NOPB
Description  LM49151 Boomer™ Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49151TL/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM49151TL/NOPB Datasheet HTML 15Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 16Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 17Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 18Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 19Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 20Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 21Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 22Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
SDA
SCL
S
P
START condition
STO
P condition
TI Confidential - NDA Restrictions
LM49151
www.ti.com
SNAS482F – MARCH 2009 – REVISED MARCH 2013
APPLICATION INFORMATION
WRITE-ONLY I
2C COMPATIBLE INTERFACE
The LM49151 is controlled through an I2C compatible serial interface that consists of a serial data line (SDA) and
a serial clock (SCL). The SCL and SDA lines are uni-directional write only interface. The LM49151 and the
master can communicate at clock rates up to 400kHz. Figure 51 shows the I2C interface timing diagram. Data on
the SDA line must be stable during the HIGH period of SCL. The LM49151 is a slave-only device, reliant upon
the master to generate the SCL signal. Each transmission sequence is framed by a START condition and a
STOP condition (Figure 52). Each data word and device address transmitted over the bus is 8 bits long and is
always followed by an acknowledge pulse (Figure 53). The LM49151 device address is 11111000.
I
2C BUS FORMAT
The bus format for the I2C interface is shown in Figure 53. The bus format diagram is broken up into six major
sections: The "start" signal is generated by lowering the data signal while the clock signal is HIGH. The start
signal will alert all devices attached to the I2C bus to check the incoming address against their own address. The
8-bit chip address is sent next, most significant bit first. The data is latched in on the rising edge of the clock.
Each address bit must be stable while the clock level is HIGH. After the last bit of the address bit is sent, the
master releases the data line HIGH (through a pull-up resistor). Then the master sends an acknowledge clock
pulse. If the LM49151 has received the address correctly, then it holds the data line LOW during the clock pulse.
If the data line is not held LOW during the acknowledge clock pulse, then the master should abort the rest of the
data transfer to the LM49151. The 8 bits of data are sent next, most significant bit first. Each data bit should be
valid while the clock level is stable HIGH. After the data byte is sent, the master must check for another
acknowledge to see if the LM49151 received the data. If the master has more data bytes to send to the
LM49151, then the master can repeat the previous two steps until all data bytes have been sent. The "stop"
signal ends the transfer. To signal "stop", the data signal goes HIGH while the clock signal is HIGH. The data line
should be held HIGH when not in use.
I
2C INTERFACE POWER SUPPLY PIN (I2CV
DD)
The LM49151's I2C interface is powered up through the I2CVDD pin. The LM49151 I
2C interface operates at a
voltage level set by the I2CVDD pin which can be set independent to that of the main power supply pin VDD. This
is ideal whenever logic levels for the I2C interface are dictated by a microcontroller or microprocessor that is
operating at a lower supply voltage than the main battery of a portable system.
Figure 51. I2C Timing Diagram
Figure 52. Start and Stop Diagram
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM49151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com