Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM49151TL/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM49151TL/NOPB
Description  LM49151 Boomer™ Audio Power Amplifier Series Mono Class D Audio Subsystem with Earpiece Driver, Ground Referenced Headphone Amplifiers, Speaker Protection and No Clip with Clip Control
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM49151TL/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM49151TL/NOPB Datasheet HTML 4Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 5Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 6Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 7Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 8Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 9Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 10Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 11Page - Texas Instruments LM49151TL/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
TI Confidential - NDA Restrictions
LM49151
SNAS482F – MARCH 2009 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics 5.0V
(1)(2) (continued)
The following specifications apply for LS and HP VOLUMEGAIN = 0dB, LSGAIN =12dB, HPGAIN = 0dB RL = 8Ω+30µH
(Loudspeaker), RL = 32Ω (Headphone), RL = 8Ω (Earpiece), CSET = 0.1µF, ALC disabled, f = 1kHz, unless otherwise
specified. Limits apply for TA = 25°C. (Note 7).
LM49151
Units
Symbol
Parameter
Conditions
(Limits)
Typical (3)
Limits (4)
LS Output, HP Mode
–96
dB
POUT = 20mW
AVMUTE
Mute Attention
HP Output, LS Mode
–96
dB
POUT = 250mW
MONO, RIN, LIN, Inputs
Maximum Gain Setting
13
k
Ω
RIN
Input Resistance
Minimum Gain Setting
110
k
Ω
EP Bypass Mode
62
k
Ω
f = 1kHz, THD+N = 1%
Two channels in phase
LS Mode 1
1.25
W
PO
Output Power
HP Mode 8, RL = 16Ω
42
mW
HP Mode 8, RL = 32Ω
43
mW
EP Bypass Mode, RL = 8Ω
137
mW
f = 1kHz
LS Mode 1, PO = 600mW
0.015
%
THD+N
Total Harmonic Distortion + Noise
HP Mode 8, PO = 20mW
0.01
%
EP Bypass Mode, PO = 60mW
0.09
%
f = 217Hz, VRIPPLE = 200mVPP; CB = 2.2µF
All audio inputs terminated to AC GND, output referred
LS Mode 1, mono input, AV = 6dB
75
dB
LS Mode 2, stereo input, AV = 6dB
71
dB
LS mode 3, mono + stereo input, AV = 6dB
71
dB
PSRR
Power Supply Rejection Ratio
HP Mode 4, mono input
91
dB
HP Mode 8, stereo input
80
dB
HP Mode 12, mono + stereo input
79
dB
EP Bypass Mode, mono input
97
dB
VRIPPLE = 200mVP-P, fRIPPLE = 217Hz, mono input
LS Mode 1
55
dB
CMRR
Common Mode Rejection Ratio
HP Mode 4
61
dB
EP Bypass Mode
55
dB
η
Efficiency
LS Mode, PO = 1W
88
%
XTALK
Crosstalk
HP Mode 8, PO = 12mW, RL = 32Ω, f = 1kHz
78
dB
A-weighted, Inputs AC GND
LS Mode 1, mono input
41
µV
LS Mode 2, stereo input
41
µV
LS Mode 3, mono + stereo input
43
µV
εOS
Output Noise
HP Mode 4, mono input
9
µV
HP Mode 8, stereo input
10
µV
HP Mode 12, mono + stereo input
12
µV
EP Bypass Mode, mono input
11
µV
LS Mode 1, PO = 1.25W
96
dB
SNR
Signal to Noise Ratio
HP Mode 4, PO = 40mW
102
dB
8
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LM49151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com