Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0034MA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMH0034MA/NOPB
Description  LMH0034 SMPTE 292M / 259M Adaptive Cable Equalizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0034MA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMH0034MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
CLI
VCC
VEE
VEE
AEC+
MUTEREF
CD/MUTE
1
2
3
4
5
6
7
10
11
12
13
14
15
16
AEC-
BYPASS
8
9
VEE
VEE
SDI
SDI
VCC
SDO
SDO
LMH0034
www.ti.com
SNLS213H – JANUARY 2006 – REVISED APRIL 2013
AC Electrical Characteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specified
(1).
Symbol
Parameter
Conditions
Reference
Min
Typ
Max
Units
BRMIN
Minimum Input Data Rate
SDI, SDI
125
Mbps
BRMAX
Maximum Input Data Rate
1485
Mbps
Jitter for various cable lengths
270 Mbps, Belden 1694A,
0.2
UI
(with equalizer pathological)
400 meters(2)
270 Mbps, Belden 8281,
0.2
UI
280 meters(2)
1.485 Gbps, Belden 1694A,
0.25
UI
140 meters(2)
1.485 Gbps, Belden 8281,
0.25
UI
100 meters(2)
1.485 Gbps, Belden 1694A,
0.3
UI
200 meters(2)
tr,tf
Output Rise Time, Fall Time
20% – 80%(2)
SDO, SDO
100
220
ps
Mismatch in Rise/Fall Time
(2)
2
15
ps
tOS
Output Overshoot
(2)
1
5
%
ROUT
Output Resistance
single-ended(3)
50
Ω
RLIN
Input Return Loss
.(4)
SDI, SDI
15
18-20
dB
RIN
Input Resistance
single-ended
1.3
k
Ω
CIN
Input Capacitance
single-ended(3)
1
pF
(1)
Typical values are stated for VCC = +3.3V and TA = +25°C.
(2)
Specification is ensured by characterization.
(3)
Specification is ensured by design.
(4)
Input return loss is dependent on board design. The LMH0034 meets this specification on the SD034 evaluation board from 5MHz to
1.5GHz.
Connection Diagram
Figure 1. 16-Pin SOIC
See D Package
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMH0034



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com