Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0034MA/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH0034MA/NOPB
Description  LMH0034 SMPTE 292M / 259M Adaptive Cable Equalizer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0034MA/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH0034MA/NOPB Datasheet HTML 1Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 2Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 3Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 4Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 5Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 6Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 7Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 8Page - Texas Instruments LMH0034MA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 PF
1 PF
37.4:
Coaxial Cable
75:
LMH0034 Adaptive
Cable Equalizer
SDI
SDO
SDI
AEC+
AEC-
SDO
CLI
MUTEREF
CD/MUTE
BYPASS
4.7 PF
4.7 PF
Outputs
MUTEREF
CD/MUTE
BYPASS
1 PF
CLI
75:
6.8 nH
LMH0034
www.ti.com
SNLS213H – JANUARY 2006 – REVISED APRIL 2013
LMH0034 SMPTE 292M / 259M Adaptive Cable Equalizer
Check for Samples: LMH0034
1
FEATURES
DESCRIPTION
The LMH0034 SMPTE 292M / 259M adaptive cable
2
•
SMPTE 292M, SMPTE 344M and SMPTE 259M
equalizer
is
a
monolithic
integrated
circuit
for
Compliant
equalizing data transmitted over cable (or any media
•
Supports DVB-ASI at 270 Mbps
with similar dispersive loss characteristics). The
•
Data Rates: 125 Mbps to 1.485 Gbps
equalizer operates over a wide range of data rates
from 125 Mbps to 1.485 Gbps and supports SMPTE
•
Equalizes up to 200 Meters of Belden 1694A at
292M, SMPTE 344M and SMPTE 259M.
1.485 Gbps or up to 400 Meters of Belden
1694A at 270 Mbps
The LMH0034 implements DC restoration to correctly
handle pathological data conditions. DC restoration
•
Manual Bypass, Cable Length Indicator, and
can be bypassed for low data rate applications. The
Output Mute with a Programmable Threshold
equalizer is flexible in allowing either single-ended or
•
Single-Ended or Differential Input
differential input drive.
•
50
Ω Differential Outputs
Additional features include a combined carrier detect
•
Single 3.3V Supply Operation
and output mute pin which mutes the output when no
•
208 mW Typical Power Consumption with 3.3V
signal is present. A programmable mute reference is
used to mute the output at a selectable level of signal
Supply
degradation. A cable length indicator is provided to
•
Replaces the GS1524 and GS1524A
determine the amount of cable being equalized.
APPLICATIONS
•
SMPTE 292M, SMPTE 344M, and SMPTE 259M
Serial Digital Interfaces
•
Serial Digital Data Equalization and Reception
•
Data Recovery Equalization
Typical Application
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH0034MA/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH0034MA/NOPB TI1-LMH0034MA/NOPB Datasheet
705Kb / 15P
SMPTE 292M / 259M Adaptive Cable Equalizer
More results

Similar Description - LMH0034MA/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC034 NSC-CLC034 Datasheet
461Kb / 6P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044 Datasheet
506Kb / 7P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_07 Datasheet
267Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_07 Datasheet
224Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_08 Datasheet
226Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0034 NSC-LMH0034_09 Datasheet
296Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 NSC-LMH0044_09 Datasheet
254Kb / 8P
SMPTE 292M / 259M Adaptive Cable Equalizer
logo
Texas Instruments
LMH0034 TI1-LMH0034_14 Datasheet
705Kb / 15P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 TI1-LMH0044_14 Datasheet
743Kb / 15P
SMPTE 292M / 259M Adaptive Cable Equalizer
LMH0044 TI1-LMH0044 Datasheet
742Kb / 14P
SMPTE 292M / 259M Adaptive Cable Equalizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com