Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0202MT/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LMH0202MT/NOPB
Description  LMH0202 Dual SMPTE 292M / 259M Serial Digital Cable Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0202MT/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LMH0202MT/NOPB Datasheet HTML 1Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 2Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 3Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 4Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 5Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 6Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
10 k:
SDI
SDI
VCC
10 k:
5 k:
80:
VCC
10 k:
LMH0202
www.ti.com
SNLS212C – FEBRUARY 2006 – REVISED APRIL 2013
Table 1. PIN DESCRIPTIONS
Pin #
Name
Description
1
SDI1
Serial data true input.
2
SDI1
Serial data complement input.
3
VEE1
Negative power supply (ground).
4
RREF1
Output driver level control. Connect a resistor to VCC to set output voltage swing.
5
SDI2
Serial data true input.
6
SDI2
Serial data complement input.
7
VEE2
Negative power supply (ground).
8
RREF2
Output driver level control. Connect a resistor to VCC to set output voltage swing.
9
VCC2
Positive power supply (+3.3V).
10
SD/HD2
Output slew rate control. Output rise/fall time complies with SMPTE 292M when low and SMPTE 259M
when high.
11
SDO2
Serial data complement output.
12
SDO2
Serial data true output.
13
VCC1
Positive power supply (+3.3V).
14
SD/HD1
Output slew rate control. Output rise/fall time complies with SMPTE 292M when low and SMPTE 259M
when high.
15
SDO1
Serial data complement output.
16
SDO1
Serial data true output.
DEVICE OPERATION
INPUT INTERFACING
The LMH0202 accepts either differential or single-ended input. The inputs are self-biased, allowing for simple AC
or DC coupling. DC-coupled inputs must be kept within the specified common-mode range. SDI and SDI are self-
biased at approximately 2.1V with VCC = 3.3V. Figure 2 shows the differential input stage for SDI and SDI.
Figure 2. Differential Input Stage for SDI and SDI.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LMH0202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com