Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0202MT/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMH0202MT/NOPB
Description  LMH0202 Dual SMPTE 292M / 259M Serial Digital Cable Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0202MT/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMH0202MT/NOPB Datasheet HTML 2Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 3Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 4Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 5Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 6Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 7Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 8Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 9Page - Texas Instruments LMH0202MT/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
50:
50:
0.1 PF
1.0 PF
1.0 PF
Differential
Input
LMH0202
SDI2
SDI2
SDI1
SDI1
25:
25:
25:
25:
LMH0202
SNLS212C – FEBRUARY 2006 – REVISED APRIL 2013
www.ti.com
DVB-ASI APPLICATIONS
The dual differential inputs of the LMH0202 may be externally routed to a single differential input as shown in
Figure 3. This provides a solution for DVB-ASI applications where two non-inverted outputs are needed.
Figure 3. Single Differential Input for DVB-ASI
OUTPUT INTERFACING
The LMH0202 uses current mode outputs. Single-ended output levels are 800 mVP-P into 75Ω AC-coupled
coaxial cable (with RREF = 750Ω). Output level is controlled by the value of the resistor connected between the
RREF pin and VCC.
The RREF resistor should be placed as close as possible to the RREF pin. In addition, the copper in the plane
layers below the RREF network should be removed to minimize parasitic capacitance.
OUTPUT SLEW RATE CONTROL
The LMH0202 output rise and fall times are selectable for either SMPTE 259M or SMPTE 292M compliance via
the SD/HD pin. For slower rise and fall times, or SMPTE 259M compliance, SD/HD is set high. For faster rise
and fall times, or SMPTE 292M compliance, SD/HD is set low.
6
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMH0202



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com