Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0366SQE/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LMH0366SQE/NOPB
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366SQE/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMH0366SQE/NOPB Datasheet HTML 9Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 10Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 11Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 12Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 13Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 14Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 15Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 16Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
LMH0366
www.ti.com
SNAS585D – APRIL 2012 – REVISED APRIL 2013
Parameters for a suitable crystal are given in Table 6. A single crystal can be used as the 27 MHz reference for
multiple reclockers by connecting the XTAL_OUT output of one reclocker to the XTAL_IN input of the next ,
propagating the 27 MHz reference signal through a cascade of reclockers.
Table 6. Recommended Crystal Parameters
Parameter
Value
Frequency
27 MHz
Frequency Stability
±50 ppm @ Recommended Drive Level
Operating Mode
Fundamental Mode, Parallel Resonant
Load Capacitance
20 pF
Shunt Capacitance
7 pF
Series Resistance
40
Ω max
Recommended Drive Level
100 µW
Maximum Drive Level
250 µW
Operating Temperature Range
−10°C to +60°C
SD/HD Indication
The SD/HD output indicates whether the LMH0366 is processing SD or HD/3G data rates. It may be used to
control the slew rate of another device such as the LMH0303 cable driver. This output is high when the data rate
is 270 Mbps, and this output is low for all other data rates. When the PLL is not locked (the LOCK_DETECT
output is low), the SD/HD output is low.
Data Rate Indication
Details about the currently locked data rate can be obtained via the SPI. Register 0x03 bits 7:5 (RATE_STATUS)
indicate the locked data rate according to Table 7.
The LMH0366 will detect the presence of a 27 MHz reference clock on the XTAL_IN pin (register 0x41 bit 3,
REF_CLK_DET, indicates the presence of the reference clock). When using an external reference, the LMH0366
can distinguish between 1.4835 and 1.485 Gbps, and between 2.967 and 2.97 Gbps. This is indicated in the
RATE_STATUS register bits. Also, when the reference clock is present, register 0x41 bit 2 (RATE_1_OV_M)
indicates if the detected data rate is a 1 over M rate (1.485/1.001 or 2.97/1.001 Gbps).
Table 7. Data Rate Indication (via Register 0x03 bits 7:5)
RATE_STATUS[2:0]
Data Rate Indication
External Reference Mode
Referenceless Mode
000
125 Mbps
125 Mbps
001
270 Mbps
270 Mpbs
010
1.4835 Gbps
N/A
011
1.485 Gbps
1.485 or 1.4835 Gbps
100
2.967 Gbps
N/A
101
2.97 Gbps
2.97 or 2.967 Gbps
111
Unlocked
Unlocked
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com