Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0366SQE/NOPB Datasheet(PDF) 39 Page - Texas Instruments

Part # LMH0366SQE/NOPB
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366SQE/NOPB Datasheet(HTML) 39 Page - Texas Instruments

Back Button LMH0366SQE/NOPB Datasheet HTML 33Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 34Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 35Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 36Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 37Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 38Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 39Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 40Page - Texas Instruments LMH0366SQE/NOPB Datasheet HTML 41Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.07 MIN
ALL AROUND
0.07 MAX
ALL AROUND
24X (0.25)
24X (0.6)
(
) TYP
VIA
0.2
20X (0.5)
(3.8)
(3.8)
(1.05)
( 2.6)
(R
)
TYP
0.05
(1.05)
WQFN - 0.8 mm max height
RTW0024A
PLASTIC QUAD FLATPACK - NO LEAD
4222815/A 03/2016
SYMM
1
6
7
12
13
18
19
24
SYMM
LAND PATTERN EXAMPLE
SCALE:15X
25
NOTES: (continued)
4. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
SOLDER MASK DETAILS
NON SOLDER MASK
DEFINED
(PREFERRED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com