Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0366SQX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # LMH0366SQX/NOPB
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366SQX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LMH0366SQX/NOPB Datasheet HTML 1Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 2Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 3Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 4Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 5Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 6Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 7Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 8Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
1
4
3
2
LMH0366
(top view)
18
15
16
17
10
7
8
9
21
24
23
22
5
6
12
11
13
14
19
20
DAP = VEE
SDI
SDI
BYPASS
MUTE
RATE1
ENABLE
SDO1
SDO1
SDO0
SDO0
VCC
SD/HD
SDI
FR4 EQ
Clock and
Data
Recovery
SDO1
SDO1
Output
Select
Eye
Monitor
Control
Logic
SPI Interface
SDO0
Bypassed Data
Bypassed Data
Control Pins
SDO0
Output
Select
Reclocked Data
LMH0366
SNAS585D – APRIL 2012 – REVISED APRIL 2013
www.ti.com
Block Diagram
Connection Diagram
Figure 1. Pin Mode (non-SPI) / SPI_EN = GND
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com