Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH0366SQX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Part # LMH0366SQX/NOPB
Description  LMH0366 3 Gbps HD/SD SDI Low Power Reclocker with Integrated Eye Monitor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMH0366SQX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LMH0366SQX/NOPB Datasheet HTML 17Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 18Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 19Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 20Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 21Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 22Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 23Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 24Page - Texas Instruments LMH0366SQX/NOPB Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
9.76 k:
3.16 k:
MOSI
SCK
SS
3.16 k:
3.16 k:
3.3V
Compliant
SPI Host
9.76 k:
9.76 k:
MISO
LMH0366
www.ti.com
SNAS585D – APRIL 2012 – REVISED APRIL 2013
Figure 12. 3.3V SPI Interfacing
SPI Registers
Table 8. SPI Registers
Addr
Name
Bits
Field
R/W
Default
Description
(hex)
(binary)
00
Reset
7:1
RSVD
R/W
0000000
Reserved.
0
RESET
R/W
0
Reset registers. (This bit is self-
clearing.)
0: Normal operation.
1: Reset all registers to default
values.
01
Device Status 1
7:5
REV_ID
R
011
Die revision.
4
LOCK_DET
R
Lock detect.
0: Reclocker unlocked.
1: Reclocker locked.
3:1
RSVD
R
Reserved.
0
SIG_DET
R
Signal detect on SDI.
0: No signal detected.
1: Signal detected.
02
Reserved
7:0
RSVD
R
Reserved.
03
Device Status 2
7:5
RATE_STATUS
R
Locked data rate indication.
000: 125 Mbps.
001: 270 Mbps.
010: 1.4835 Gbps (external
reference mode).
011: 1.485 Gbps (includes
1.4835 Gbps in referenceless
mode).
100: 2.967 Gbps (external
reference mode).
101: 2.97 Gbps (includes 2.967
Gbps in referenceless mode).
111: Unlocked.
4
SIG_DET
R
Signal detect on SDI.
0: No signal detected.
1: Signal detected.
3:2
RSVD
R
Reserved.
1
GPIO1_IN_VAL
R
GPIO1 input value.
0
GPIO0_IN_VAL
R
GPIO0 input value.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LMH0366



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com