Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV1099TL/NOPB Datasheet(PDF) 19 Page - Texas Instruments

Part # LMV1099TL/NOPB
Description  LMV1099 Uplink Far Field Noise Suppression and Downlink SNR Enhancing Microphone Amplifier with Earpiece Driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV1099TL/NOPB Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMV1099TL/NOPB Datasheet HTML 15Page - Texas Instruments LMV1099TL/NOPB Datasheet HTML 16Page - Texas Instruments LMV1099TL/NOPB Datasheet HTML 17Page - Texas Instruments LMV1099TL/NOPB Datasheet HTML 18Page - Texas Instruments LMV1099TL/NOPB Datasheet HTML 19Page - Texas Instruments LMV1099TL/NOPB Datasheet HTML 20Page - Texas Instruments LMV1099TL/NOPB Datasheet HTML 21Page - Texas Instruments LMV1099TL/NOPB Datasheet HTML 22Page - Texas Instruments LMV1099TL/NOPB Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
LMV1099
www.ti.com
SNAS490D – JULY 2010 – REVISED MAY 2013
Earpiece Control Registers
OUTPUT POWER LIMIT (PLEV)
While TI has done extensive ambient SPL analysis, there will always be unusual circumstances that may cause
the amplifier to be at its maximum 18dB setting. LMV1099 features an Output Voltage Limit function to limit the
output power delivered to a speaker. When the SNR enhancer is active, the Output Voltage Limit works to
protect the loudspeaker in conditions where a large downlink input signal is present. The Output Voltage Limit
can be set to a selectable (3.6VP-P or 4.1VP-P) output level to avoid violating the maximum power limitation of the
transducer.
SNR ENHANCER BYPASS (EP_BYPASS_AGC)
The SNR enhancer can be bypassed by setting B4 of the Earpiece Control Register to 1. When the SNR
enhancer is bypassed, the earpiece amplifier has a fixed 0dB gain.
EP_RI (INPUT IMPEDANCE)
The earpiece input of the LMV1099 features three input impedance options, this impedance in conjunction with
the input capacitor creates a high-pass filter. The three options provide various cutoff frequencies for the high-
pass filter. Table 7 shows the respective cutoff frequencies for each of the input impedance options when using a
68nF input capacitor.
Table 7. Input Impedance options
Input Impedance
fC
60k
Ω
40Hz
9k
Ω
260Hz
6k
Ω
390Hz
Changing the input coupling capacitor will affect the filters –3dB point through the simple RC equation shown
below:
f = 1 / 2
πRC
(1)
Microphone Placement
Because the LMV1099 is a microphone array Far Field Noise Reduction solution, proper microphone placement
is critical for optimum performance. Two things need to be considered: The spacing between the two
microphones and the position of the two microphones relative to near field source.
If the spacing between the two microphones is too small near field speech will be canceled along with the far
field noise. Conversely, if the spacing between the two microphones is large, the far field noise reduction
performance will be degraded. The optimum spacing between mic1 and mic2 is 1.5-2.5cm. This range provides a
balance of minimal near field speech loss and maximum far field noise reduction. The microphones should be in
line with the desired sound source 'near speech' and configured in an endfire array (see Figure 27) orientation
from the sound source. If the 'near speech' (desired sound source) is equidistant to the source like a broadside
array (see Figure 26) the result will be a great deal of near field speech loss.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LMV1099



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com