Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3918TL/NOPB.A Datasheet(PDF) 26 Page - Texas Instruments

Part # LP3918TL/NOPB.A
Description  LP3918 Battery Charge Management and Regulator Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3918TL/NOPB.A Datasheet(HTML) 26 Page - Texas Instruments

Back Button LP3918TL/NOPB.A Datasheet HTML 22Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 23Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 24Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 25Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 26Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 27Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 28Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 29Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
LP3918
SNVS476D – AUGUST 2007 – REVISED MAY 2013
www.ti.com
INPUT VOLTAGES
There are two input voltage pins used to power the 7LDO's on the LP3918. VIN2is the supply for LDO3, LDO4,
LDO5, LDO6 and LDO7. VIN1is the supply for LDO1 and LDO2. These input voltages should be tied to the Batt
pin in the application.
PROGRAMMING INFORMATION
Enable via Serial Interface
Table 17. Register Address 8h'00: OP_EN
BIT
NAME
FUNCTION
0
LDO1_EN
Bit set to '0' - LDO disabled
Bit set to '1' - LDO enabled
2
LDO3_EN
3
LDO7_EN
Note that the default setting for this Register is [0000 0101]. This shows that LDO1 and 3 are enabled by default
whereas LDO7 is not enabled by default on start up.
LDO OUTPUT PROGRAMMING
Table 18.
Register
NAME
Data Range (hex)(1)
Output Voltage
Add (hex)
01
LDO1PGM
03 - 0F
1.5V to 3.3V
O/P
(def. 1.8V)
02
LDO2PGM
00 - 0F
2.5V to 3.3V
O/P
(def 3.0V)
03
LDO3PGM
05 - 0C
2.7V to 3.05V
O/P
(def 3.0V)
04
LDO4PGM
00 - 0F
1.5V to 3.3V
O/P
(def 3.0V)
05
LDO5PGM
05 - 0C
2.7V to 3.05V
O/P
(def 3.0V)
06
LDO6PGM
05 - 0C
2.7V to 3.05V
O/P
(def 3.0V)
07
LDO7PGM
00 - 0F
1.5V to 3.3V
O/P
(def 3.0V)
(1)
See Table 2 for full programmable range of values.
EXTERNAL CAPACITORS
The Low Drop Out Linear Voltage regulators on the LP3918 require external capacitors to ensure stable outputs.
The LDO's on the LP3918 are specifically designed to use small surface mount ceramic capacitors which require
minimum board space. These capacitors must be correctly selected for good performance
INPUT CAPACITOR
Input capacitors are required for correct operation. It is recommended that a 10µF capacitor be connected
between each of the voltage input pins and ground (this capacitance value may be increased without limit). This
capacitor must be located a distance of not more than 1cm from the input pin and returned to a clean analogue
ground. A ceramic capacitor is recommended although a good quality tantalum or film capacitor may be used at
the input.
Important: Tantalum capacitors can suffer catastrophic failures due to surge current when connected to a low-
impedance source of power (like a battery or a very large capacitor). If a tantalum capacitor is used at the input,
it must be specified by the manufacturer to have surge current rating sufficent for the application. There are no
requirements for the ESR (Equivalent Series Resistance) on the input capacitor, but tolerance and temperature
coefficient must be considered when selecting the capacitor to ensure the capacitance will remain within its
operational range over the entire operating temperature range and conditions.
26
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com