Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3918TL/NOPB.A Datasheet(PDF) 28 Page - Texas Instruments

Part # LP3918TL/NOPB.A
Description  LP3918 Battery Charge Management and Regulator Unit
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP3918TL/NOPB.A Datasheet(HTML) 28 Page - Texas Instruments

Back Button LP3918TL/NOPB.A Datasheet HTML 24Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 25Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 26Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 27Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 28Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 29Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 30Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 31Page - Texas Instruments LP3918TL/NOPB.A Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
LP3918
SNVS476D – AUGUST 2007 – REVISED MAY 2013
www.ti.com
No-Load Stability
The LDO's on the LP3918 will remain stable in regulation with no external load.
Table 19. LDO Output Capacitors Recommended Specification
Limit
Symbol
Parameter
Capacitor Type
Typ
Units
Min
Max
Co(LDO1)
Capacitance
X5R. X74
1.0
0.7
2.2
µF
Co(LDO2)
Capacitance
X5R. X74
1.0
0.7
2.2
µF
Co(LDO3)
Capacitance
X5R. X74
1.0
0.7
2.2
µF
Co(LDO4)
Capacitance
X5R. X74
1.0
0.7
2.2
µF
Co(LDO5)
Capacitance
X5R. X74
1.0
0.7
2.2
µF
Co(LDO6)
Capacitance
X5R. X74
1.0
0.7
2.2
µF
Co(LDO7)
Capacitance
X5R. X74
1.0
0.7
2.2
µF
Note: The capacitor tolerance should be 30% or better over the full temperature range. X7R or X5R capacitors
should be used. These specifications are given to ensure that the capacitance remains within these values over
all conditions within the application. See Capacitor Characteristics.
Thermal Shutdown
The LP3918 has internal limiting for high on-chip temperatures caused by high power dissipation etc. This
Thermal Shutdown, TSD, function monitors the temperature with respect to a threshold and results in a device
power-down.
If the threshold of +160°C has been exceeded then the device will power down. Recovery from this TSD event
can only be initiated after the chip has cooled below +115°C. This device recovery is controlled by the
APU_TSD_EN bit (bit 1) in control register MISC, 8h'1C. See Table 21 If the APU_TSD_EN is set low then the
device will shutdown requiring a new start up event initiated by PWR_ON, HF_PWR, or CHG_IN. If
APU_TSD_EN is set high then the device will power up automatically when the shutdown condition clears. In this
case the control register settings are preserved for the device restart.
The threshold temperature for the device to clear this TSD event is 115°C. This threshold applies for any start up
thus the device temperature must be below this threshold to allow a start up event to initiate power up.
Further Register Information
STATUS REGISTER READ ONLY
Table 20. Register Address 8h'0C: Status(1)
BIT
NAME
FUNCTION (if bit = '1')
7
PWR_ON
PMU start up is initiated by PWR_ON.
_TRIG
6
HF_PWR
PMU start up is initiated by HF_PWR.
_TRIG
5
CHG_IN
PMU start up is initiated by CHG_IN.
_TRIG
(1)
Bits <4..0> are not used.
MISC CONTROL REGISTER
Table 21. Register Address 8h'1C: Misc(1)
BIT
NAME
FUNCTION (if bit = '1')
1
APU_TSD
1b' 0: Device will shutdown completely if thermal shutdown occurs.
_EN
Requires a new start up event to restart the PMU.
1b'1: Device will start up automatically after thermal shutdown
condition is removed. (Device tries to keep its internal state.)
(1)
Bits <7..2> are not used.
28
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LP3918



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com