Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC662IM/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LPC662IM/NOPB
Description  LPC662 Low Power CMOS Dual Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPC662IM/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LPC662IM/NOPB Datasheet HTML 6Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 7Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 8Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 9Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 10Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 11Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 12Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 13Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Application Hints
AMPLIFIER TOPOLOGY
The topology chosen for the LPC662 is unconventional
(compared to general-purpose op amps) in that the
traditional unity-gain buffer output stage is not used; instead,
the output is taken directly from the output of the integrator,
to allow rail-to-rail output swing. Since the buffer traditionally
delivers the power to the load, while maintaining high op
amp gain and stability, and must withstand shorts to either
rail, these tasks now fall to the integrator.
As a result of these demands, the integrator is a compound
affair with an embedded gain stage that is doubly fed forward
(via C
f and Cff) by a dedicated unity-gain compensation
driver. In addition, the output portion of the integrator is a
push-pull configuration for delivering heavy loads. While
sinking current the whole amplifier path consists of three
gain stages with one stage fed forward, whereas while
sourcing the path contains four gain stages with two fed
forward.
The large signal voltage gain while sourcing is comparable
to traditional bipolar op amps for load resistance of at least
5k
Ω. The gain while sinking is higher than most CMOS op
amps, due to the additional gain stage; however, when
driving load resistance of 5 k
Ω or less, the gain will be
reduced as indicated in the Electrical Characteristics. The op
amp can drive load resistance as low as 500
Ω without
instability.
COMPENSATING INPUT CAPACITANCE
Refer to the LMC660 or LMC662 datasheets to determine
whether or not a feedback capacitor will be necessary for
compensation and what the value of that capacitor would be.
CAPACITIVE LOAD TOLERANCE
Like many other op amps, the LPC662 may oscillate when
its applied load appears capacitive. The threshold of
oscillation varies both with load and circuit gain. The
configuration most sensitive to oscillation is a unity-gain
follower. See the Typical Performance Characteristics.
The load capacitance interacts with the op amp’s output
resistance to create an additional pole. If this pole frequency
is sufficiently low, it will degrade the op amp’s phase margin
so that the amplifier is no longer stable at low gains. The
addition of a small resistor (50
Ω to 100Ω) in series with the
op amp’s output, and a capacitor (5 pF to 10 pF) from
inverting input to output pins, returns the phase margin to a
safe value without interfering with lower-frequency circuit
operation. Thus, larger values of capacitance can be
tolerated without oscillation. Note that in all cases, the output
will ring heavily when the load capacitance is near the
threshold for oscillation.
Capacitive load driving capability is enhanced by using a
pull up resistor to V+
Figure 3. Typically a pull up resistor
conducting 50 µA or more will significantly improve
capacitive load responses. The value of the pull up resistor
must be determined based on the current sinking capability
of the amplifier with respect to the desired output swing.
Open loop gain of the amplifier can also be affected by the
pull up resistor (see Electrical Characteristics).
PRINTED-CIRCUIT-BOARD LAYOUT
FOR HIGH-IMPEDANCE WORK
It is generally recognized that any circuit which must operate
with less than 1000 pA of leakage current requires special
layout of the PC board. When one wishes to take advantage
of the ultra-low bias current of the LPC662, typically less
than 0.04 pA, it is essential to have an excellent layout.
Fortunately, the techniques for obtaining low leakages are
quite simple. First, the user must not ignore the surface
leakage of the PC board, even though it may sometimes
appear acceptably low, because under conditions of high
humidity or dust or contamination, the surface leakage will
be appreciable.
To minimize the effect of any surface leakage, lay out a ring
of foil completely surrounding the LPC662’s inputs and the
terminals of capacitors, diodes, conductors, resistors, relay
terminals, etc. connected to the op-amp’s inputs. See
Figure
4. To have a significant effect, guard rings should be placed
on both the top and bottom of the PC board. This PC foil
must then be connected to a voltage which is at the same
voltage as the amplifier inputs, since no leakage current can
flow between two points at the same potential. For example,
a PC board trace-to-pad resistance of 10
12 ohms, which is
normally considered a very large resistance, could leak 5 pA
if the trace were a 5V bus adjacent to the pad of an input.
DS010548-6
FIGURE 1. LPC662 Circuit Topology (Each Amplifier)
DS010548-7
FIGURE 2. Rx, Cx Improve Capacitive Load Tolerance
DS010548-26
FIGURE 3. Compensating for Large
Capacitive Loads with A Pull Up Resistor
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com