Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LPC662IM/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LPC662IM/NOPB
Description  LPC662 Low Power CMOS Dual Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LPC662IM/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LPC662IM/NOPB Datasheet HTML 8Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 9Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 10Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 11Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 12Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 13Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 14Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 15Page - Texas Instruments LPC662IM/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Application Hints (Continued)
board at all, but bend it up in the air and use only air as an
insulator. Air is an excellent insulator. In this case you may
have to forego some of the advantages of PC board
construction, but the advantages are sometimes well worth
the
effort
of
using
point-to-point
up-in-the-air
wiring.
See
Figure 6.
BIAS CURRENT TESTING
The test method of
Figure 7 is appropriate for bench-testing
bias current with reasonable accuracy. To understand its
operation, first close switch S2 momentarily. When S2 is
opened, then
A suitable capacitor for C2 would be a 5 pF or 10 pF silver
mica, NPO ceramic, or air-dielectric. When determining the
magnitude of I
−, the leakage of the capacitor and socket
must be taken into account. Switch S2 should be left shorted
most of the time, or else the dielectric absorption of the
capacitor C2 could cause errors.
Similarly, if S1 is shorted momentarily (while leaving S2
shorted)
where C
x is the stray capacitance at the + input.
Typical Single-Supply Applications (V+ = 5.0 V
DC)
DS010548-24
(Input pins are lifted out of PC board and soldered directly to components.
All other pins connected to PC board.)
FIGURE 6. Air Wiring
DS010548-25
FIGURE 7. Simple Input Bias Current Test Circuit
Photodiode Current-to-Voltage Converter
DS010548-17
Note: A 5V bias on the photodiode can cut its capacitance by a factor of 2
or 3, leading to improved response and lower noise. However, this bias on
the photodiode will cause photodiode leakage (also known as its dark
current).
Micropower Current Source
DS010548-18
Note: (Upper limit of output range dictated by input common-mode range;
lower limit dictated by minimum current requirement of LM385.)
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com