Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128GT85ZB5 Datasheet(PDF) 33 Page - STMicroelectronics

Part # M58LR128GT85ZB5
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128GT85ZB5 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M58LR128GT85ZB5 Datasheet HTML 29Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 30Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 31Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 32Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 33Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 34Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 35Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 36Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
33/84
M58LR128GT, M58LR128GB
READ MODES
Read operations can be performed in two different
ways depending on the settings in the Configura-
tion Register. If the clock signal is ‘don’t care’ for
the data output, the read operation is asynchro-
nous; if the data output is synchronized with clock,
the read operation is synchronous.
The read mode and format of the data output are
determined by the Configuration Register. (See
Configuration Register section for details). All
banks support both asynchronous and synchro-
nous read operations.
Asynchronous Read Mode
In Asynchronous Read operations the clock signal
is ‘don’t care’. The device outputs the data corre-
sponding to the address latched, that is the mem-
ory
array,
Status
Register,
Common
Flash
Interface or Electronic Signature depending on the
command issued. CR15 in the Configuration Reg-
ister must be set to ‘1’ for asynchronous opera-
tions.
Asynchronous Read operations can be performed
in two different ways, Asynchronous Random Ac-
cess Read and Asynchronous Page Read. Only
Asynchronous Page Read takes full advantage of
the internal page storage so different timings are
applied.
In Asynchronous Read mode a Page of data is in-
ternally read and stored in a Page Buffer. The
Page has a size of 8 Words and is addressed by
address inputs A0, A1 and A2.
The first read operation within the Page has a
longer access time (tAVQV, Random access time),
subsequent reads within the same Page have
much shorter access times (tAVQV1, Page access
time). If the Page changes then the normal, longer
timings apply again.
The device features an Automatic Standby mode.
During Asynchronous Read operations, after a
bus inactivity of 150ns, the device automatically
switches to the Automatic Standby mode. In this
condition the power consumption is reduced to the
standby value and the outputs are still driven.
In Asynchronous Read mode, the WAIT signal is
always de-asserted.
See Table 23., Asynchronous Read AC Charac-
teristics, Figure 10., Asynchronous Random Ac-
cess
Read
AC
Waveforms,
and
Figure
11., Asynchronous Page Read AC Waveforms, for
details.
Synchronous Burst Read Mode
In Synchronous Burst Read mode the data is out-
put in bursts synchronized with the clock. It is pos-
sible
to
perform
burst
reads
across
bank
boundaries.
Synchronous Burst Read mode can only be used
to read the memory array. For other read opera-
tions, such as Read Status Register, Read CFI
and Read Electronic Signature, Single Synchro-
nous Read or Asynchronous Random Access
Read must be used.
In Synchronous Burst Read mode the flow of the
data output depends on parameters that are con-
figured in the Configuration Register.
A burst sequence starts at the first clock edge (ris-
ing or falling depending on Valid Clock Edge bit
CR6 in the Configuration Register) after the falling
edge of Latch Enable or Chip Enable, whichever
occurs last. Addresses are internally incremented
and data is output on each data cycle after a delay
which depends on the X latency bits CR13-CR11
of the Configuration Register.
The number of Words to be output during a Syn-
chronous Burst Read operation can be configured
as 4 Words, 8 Words, 16 Words or Continuous
(Burst Length bits CR2-CR0). The data can be
configured to remain valid for one or two clock cy-
cles (Data Output Configuration bit CR9).
The order of the data output can be modified
through the Wrap Burst bit in the Configuration
Register. The burst sequence is sequential and
can be confined inside the 4, 8 or 16 Word bound-
ary (Wrap) or overcome the boundary (No Wrap).
The WAIT signal may be asserted to indicate to
the system that an output delay will occur. This de-
lay will depend on the starting address of the burst
sequence and on the burst configuration.
WAIT is asserted during the X latency, the WAIT
state and at the end of a 4, 8 and 16 Word burst. It
is only de-asserted when output data are valid. In
Continuous Burst Read mode a WAIT state will oc-
cur when crossing the first 16 Word boundary. If
the starting address is aligned to the Burst Length
(4, 8 or 16 Words) the wrapped configuration has
no impact on the output sequence.
The WAIT signal can be configured to be active
Low or active High by setting CR10 in the Config-
uration Register.
See Table 24., Synchronous Read AC Character-
istics, and Figure 12., Synchronous Burst Read
AC Waveforms, for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com