Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LR128GT85ZB5 Datasheet(PDF) 39 Page - STMicroelectronics

Part # M58LR128GT85ZB5
Description  128 Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Flash Memory
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LR128GT85ZB5 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M58LR128GT85ZB5 Datasheet HTML 35Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 36Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 37Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 38Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 39Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 40Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 41Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 42Page - STMicroelectronics M58LR128GT85ZB5 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 84 page
background image
39/84
M58LR128GT, M58LR128GB
PROGRAM AND ERASE TIMES AND ENDURANCE CYCLES
The Program and Erase times and the number of
Program/ Erase cycles per block are shown in Ta-
ble 17. Exact erase times may change depending
on the memory array condition. The best case is
when all the bits in the block are at ‘0’ (pre-pro-
grammed). The worst case is when all the bits in
the block are at ‘1’ (not preprogrammed). Usually,
the system overhead is negligible with respect to
the erase time. In the M58LR128GT/B the maxi-
mum number of Program/Erase cycles depends
on the VPP voltage supply used.
Table 17. Program/Erase Times and Endurance Cycles
Note: 1. TA = –25 to 85°C; VDD = 1.7V to 2V; VDDQ = 1.7V to 2V.
2. Values are liable to change with the external system-level overhead (command sequence and Status Register polling execution).
3. Excludes the time needed to execute the command sequence.
4. This is an average value on the entire device.
Parameter
Condition
Min
Typ
Typical
after
100kW/E
Cycles
Max
Unit
Erase
Parameter Block (16 KWord)
0.4
1
2.5
s
Main Block (64 KWord)
Preprogrammed
1
3
4
s
Not Preprogrammed
1.2
4
s
Program(3)
SIngle Cell
Word Program
30
60
µs
Buffer Program
30
60
µs
Single Word
Word Program
90
180
µs
Buffer Program
90
180
µs
Buffer (32 Words) (Buffer Program)
440
880
µs
Main Block (64 KWord) (Buffer Program)
880
ms
Suspend
Latency
Program
20
25
µs
Erase
20
25
µs
Program/
Erase Cycles
(per Block)
Main Blocks
100,000
cycles
Parameter Blocks
100,000
cycles
Erase
Parameter Block (16 KWord)
0.4
2.5
s
Main Block (64 KWord)
1
4
s
Program(3)
Single Cell
Word Program
30
60
µs
Single Word
Word Program
85
170
µs
Buffer Enhanced Factory
Program(4)
10
µs
Buffer (32 Words)
Buffer Program
340
680
µs
Buffer Enhanced Factory
Program
320
µs
Main Block (64 KWords)
Buffer Program
640
ms
Buffer Enhanced Factory
Program
640
ms
Bank (8 Mbits)
Buffer Program
5
s
Buffer Enhanced Factory
Program
5s
Program/
Erase Cycles
(per Block)
Main Blocks
1000
cycles
Parameter Blocks
2500
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com