Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431C6T3 Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32G431C6T3
Description  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, up to 128 KB Flash, 32KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6T3 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32G431C6T3 Datasheet HTML 80Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 81Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 82Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 83Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 84Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 85Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 86Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 87Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 198 page
background image
Table 25. Typical current consumption in Run and Low-power run modes,
with different codes running from Flash, ART disable
Symbol
Parameter
Conditions
Code
TYP
Single Bank
Mode
Unit
TYP
Single Bank
Mode
Unit
-
Voltage scaling
25°C
25°C
IDD (Run)
Supply
current in
Run mode
fHCLK = fHSE up to 48 MHZ
included, bypass mode PLL ON
above 48 MHz all peripherals
disable
Range 2
fHCLK= 26 MHz
Pseudo-dhrystone
2.95
mA
113
µA/MHz
Coremark
2.95
mA
113
Dhrystone2.1
2.95
mA
113
Fibonacci
2.70
mA
104
While(1)
2.95
mA
113
Range 1
fHCLK= 150 MHz
Pseudo-dhrystone
15.5
mA
103
µA/MHz
Coremark
15.0
mA
100
Dhrystone2.1
15.5
mA
103
Fibonacci
14.0
mA
93
While(1)
20.0
mA
133
Range 1
Boost mode
fHCLK= 170 MHz
Pseudo-dhrystone
17.5
mA
103
Coremark
17.0
mA
100
µA/MHz
Dhrystone2.1
17.5
mA
103
Fibonacci
16.0
mA
94
While(1)
24.0
mA
141
IDD
(LPRun)
Supply
current in
Low-power
run
SYSCLK source is HSI
fHCLK = 2 MHz
all peripherals disable
Pseudo-dhrystone
915
µA
458
µA/MHz
Coremark
890
µA
445
Dhrystone2.1
965
µA
483
Fibonacci
930
µA
465
While(1)
895
µA
448



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com