Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G431C6T3 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STM32G431C6T3
Description  Arm® Cortex®-M4 32b MCUFPU, 170 MHz / 213DMIPS, up to 128 KB Flash, 32KB SRAM, rich analog, math accelerator
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G431C6T3 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STM32G431C6T3 Datasheet HTML 10Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 11Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 12Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 13Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 14Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 15Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 16Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 17Page - STMicroelectronics STM32G431C6T3 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 198 page
background image
Description
STM32G431x6 STM32G431x8 STM32G431xB
14/198
DS12589 Rev 1
Table 2. STM32G431x6/x8/xB features and peripheral counts
Peripheral
STM32G431Kx
STM32G431Cx
STM32G431Rx STM32G431Mx STM32G431Vx
Flash memory
32
KB
64
KB
128
KB
32
KB
64
KB
128
KB
32
KB
64
KB
128
KB
32
KB
64
KB
128
KB
32
KB
64
KB
128
KB
SRAM
32 (16 + 6 + 10) KB
Timers
Advanced
motor control
2 (16-bit)
General
purpose
5 (16-bit)
1 (32-bit)
Basic
2 (16-bit)
Low power
1 (16-bit)
SysTick timer
1
Watchdog
timers
(independent,
window)
2
PWM channels
(all)
23
31
35
35
35
PWM channels
(except
complementary)
19
24
24
24
24
Comm.
interfaces
SPI(I2S)(1)
3 (2)
I2C3
USART
2
3
UART
0
1
LPUART
1
FDCANs
1
USB device
Yes
UCPD
Yes
SAI
Yes
RTC
Yes
Tamper pins
1
2
2
3
Random number generator
Yes
AES
No
CORDIC
Yes
FMAC
Yes
GPIOs
Wakeup pins
26
2
38 in LQFP48
42 in UFQFPN48
41 in WLCSP49
3
52
4
66
4
86
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com